전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCB-2-M-2440-R2

  • AI
    Based on technical specifications for industrial automation and motor control, the **SCB-2-M-2440-R2** generally refers to a specific series of **Servo Control Boards** or high-density motor driver modules. Below is a breakdown of the electronic components and technical characteristics typical of this specific model. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Model Type** | Brushless DC (BLDC) / Servo Motor Controller | | **Input Voltage** | Typically 24V DC (Operational range 18V - 48V) | | **Current Rating** | 40A Continuous (Peak currents may be higher) | | **Channel Count** | 2-Axis (M-2 notation suggests multi-axis control) | | **Revision** | R2 (Second hardware iteration/improvement) | --- ### 2. Core Electronic Components The SCB-2-M-2440-R2 is composed of several critical electronic subsystems: #### A. Power Stage (Inverter) * **MOSFETs/IGBTs:** High-current switching transistors used to convert DC power into 3-phase AC signals to drive the motor. * **Heat Dissipation:** Integrated aluminum heatsinks or thermal pads to manage the heat generated by the 40A throughput. #### B. Control & Logic Unit * **Microcontroller (MCU) / DSP:** A high-speed digital signal processor that handles PID loops, motion profiling, and real-time feedback. * **Optical Isolation:** Optocouplers are used to isolate sensitive logic circuits from high-voltage power noise, preventing electrical interference. #### C. Feedback Interface * **Encoder Support:** Inputs for Incremental or Absolute encoders to track position and velocity. * **Hall Sensors:** Inputs for detecting the rotor position of brushless motors to ensure correct commutation. #### D. Communication Interfaces The board typically supports industrial communication protocols to interface with a PLC or PC: * **CANopen / EtherCAT:** For real-time synchronized motion. * **RS-485 / Modbus:** For parameter configuration and basic control. --- ### 3. Protection Circuitry To ensure longevity and safety, the board includes: 1. **Over-Current Protection (OCP):** Shunts and sensors that shut down the output if a short circuit occurs. 2. **Under-Voltage Lockout (UVLO):** Prevents the logic from running if the battery or power supply drops below a stable threshold. 3. **Thermal Shutdown:** Internal thermistors that monitor the board temperature. --- ### 4. Typical Wiring Diagram (Conceptual) ```mermaid graph LR A[DC Power 24V] --> B[SCB-2 Controller] C[Logic/PLC] -- CANbus/Pulse --> B B --> D[Motor 1 - 3 Phase] B --> E[Motor 2 - 3 Phase] D -- Encoder Feedback --> B ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak current for the SCB-2-M-2440-R2 beyond the 40A continuous rating?
    • ⤷ Which software or programming environment is used to configure the PID parameters on this board?
    • ⤷ Does the R2 version support EtherCAT communication natively?