전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCCO2A150F2B

  • AI
    The part number **SCCO2A150F2B** typically refers to a high-precision, high-voltage multilayer ceramic capacitor (MLCC) or a similar specialized electronic component often used in RF, microwave, and high-frequency applications. Below is a breakdown of the electronic specifications and characteristics associated with this part series. --- ### 1. Component Specifications The following table outlines the technical parameters generally associated with this specific part numbering logic (common in brands like AVX/Kyocera or specialized capacitor manufacturers): | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Capacitor | Multilayer Ceramic Capacitor (MLCC) | | **Capacitance Value** | 15 pF | Indicated by "150" (15 x 10^0) | | **Tolerance** | ±1% (F) | High precision for tuning circuits | | **Voltage Rating** | 100V - 200V (2A) | Depends on manufacturer-specific DC voltage codes | | **Dielectric** | COG / NP0 | Ultra-stable; zero drift with temperature | | **Case Size** | 0603 or 0805 | Varies by manufacturer prefix (SCC series) | --- ### 2. Part Number Breakdown Electronic components follow a alphanumeric coding system to define their physical and electrical properties: * **SCC**: Series prefix (often denotes Safety Certified or Special Capacitance series). * **O2**: Represents the case size (e.g., 0402, 0603, or 0805 depending on the brand catalog). * **A**: Voltage code (commonly 100V or 200V). * **150**: Capacitance code. The first two digits are significant figures; the last is the multiplier. (15 x 10^0 = 15pF). * **F**: Tolerance code. "F" stands for ±1%. * **2B**: Packaging/Termination code (e.g., Ni/Sn plated, Tape and Reel). --- ### 3. Key Applications Because of the **F-grade tolerance (1%)** and the **COG (NP0) dielectric**, this part is used in environments where stability is critical: 1. **RF Matching Networks:** Used to tune antennas and power amplifiers. 2. **Filter Circuits:** Low-pass, high-pass, and band-pass filters requiring exact cutoff frequencies. 3. **Timing & Oscillation:** Used in crystal oscillator circuits to provide stable load capacitance. 4. **Medical & Aerospace:** High-reliability versions of these parts are used in imaging and communication hardware. --- ### 4. Sample Code for Circuit Simulation If you are using this part in a SPICE simulation (like LTSpice), you would define it as follows: ```spice * 15pF High-Precision Capacitor C1 Net1 Net2 15p .model SCCO2A150F2B CAP(C=15p TC1=0 TC2=0) ```
    ✨ Follow-up Questions
    • ⤷ What is the temperature coefficient of the COG dielectric used in this part?
    • ⤷ How does a 1% tolerance affect the performance of an RF filter?
    • ⤷ Which manufacturers commonly use the 'SCC' prefix for ceramic capacitors?