전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCD41-D-R1

  • AI
    ## Technical Overview of the SCD41-D-R1 The **SCD41-D-R1** is a high-precision carbon dioxide (CO2) sensor part of the SCD4x series from Sensirion. It utilizes the **photoacoustic sensing principle**, allowing for a significant reduction in size without compromising sensitivity or accuracy. --- ### 1. Key Electronic Specifications | Parameter | Specification | |:---|:---| | **Sensing Technology** | Photoacoustic NDIR | | **CO2 Measurement Range** | 400 – 5,000 ppm | | **Accuracy** | ±(40 ppm + 5% of reading) | | **Supply Voltage (VDD)** | 2.4 V – 3.6 V | | **Average Current Consumption** | 3.2 mA (at 5 min measurement interval) | | **Peak Current** | 205 mA (during measurement) | | **Interface** | I2C (Up to 100 kHz) | | **Package Size** | 10.1 x 10.1 x 6.5 mm³ | --- ### 2. Functional Electronic Components The sensor is an integrated System-in-Package (SiP) that contains several critical electronic sub-systems: * **Photoacoustic Transducer:** Consists of an infrared light source, an optical filter, and a specialized microphone. It measures the acoustic pressure waves generated by CO2 molecules absorbing IR light. * **Integrated Humidity & Temperature Sensor:** Provides on-chip signal compensation to ensure CO2 accuracy across different environmental conditions. * **ASIC (Application Specific Integrated Circuit):** Handles the analog-to-digital conversion (ADC), digital signal processing (DSP), and the I2C communication protocol. * **On-chip Calibration Logic:** Supports automatic self-calibration (ASC) and forced external calibration to maintain long-term stability. --- ### 3. Pin Configuration The SCD41 features an SMD (Surface Mount Device) landing pattern. Below is the typical pinout: 1. **VDD:** Power Supply. 2. **GND:** Ground. 3. **SCL:** I2C Clock input. 4. **SDA:** I2C Data I/O. 5. **Reserved:** Typically left floating or connected to GND as per datasheet. --- ### 4. Implementation Requirements When designing a PCB for the SCD41-D-R1, several electronic considerations are vital: * **Decoupling Capacitors:** A 100 nF capacitor and a 10 µF capacitor should be placed close to the VDD pin to handle peak current spikes. * **Pull-up Resistors:** Standard I2C pull-ups (typically 2.2kΩ to 10kΩ) are required on the SDA and SCL lines. * **Thermal Isolation:** The sensor should be isolated from heat-generating components (like CPUs or power regulators) on the PCB to ensure the integrated temperature sensor remains accurate.
    ✨ Follow-up Questions
    • What are the main differences between the SCD40 and the SCD41 models?
    • How does the photoacoustic principle differ from traditional NDIR sensors?
    • What are the recommended power-saving modes for battery-operated applications?