전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCF075-R-1812

  • AI
    The **SCF075-R-1812** is a Surface Mount Device (SMD) **Resettable Fuse**, specifically a Polymeric Positive Temperature Coefficient (PPTC) device. These components are used for overcurrent protection in electronic circuits. --- ### 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers (often Polytronics or similar vendors). Below are the core technical parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 0.75 A | The maximum current the device can pass without tripping. | | **Trip Current ($I_{trip}$)** | 1.50 A | The minimum current at which the device will switch to a high-resistance state. | | **Max Voltage ($V_{max}$)** | 13.2V - 33V* | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 40A - 100A | The maximum fault current the device can safely interrupt. | | **Package Size** | 1812 | Surface mount footprint (approx. 4.5mm x 3.2mm). | | **Material** | PPTC | Polymeric Positive Temperature Coefficient. | *\*Note: Exact voltage ratings can vary slightly depending on the specific manufacturer series (e.g., Everfuse vs. Polyfuse).* --- ### 2. How it Works (PPTC Principle) Unlike a traditional glass fuse that "blows" and must be replaced, the SCF075-R-1812 is **resettable**: 1. **Normal State:** The device has a very low resistance, allowing current to flow to the load. 2. **Fault State:** If an overcurrent or short-circuit occurs, the internal polymer heats up. This causes the conductive particles to separate, increasing the resistance exponentially. 3. **Tripped State:** The device limits the current to a small leakage level, protecting the downstream components. 4. **Reset State:** Once the power is removed and the fault is cleared, the device cools down and returns to a low-resistance state. --- ### 3. Application Use Cases This specific 0.75A fuse is commonly found in the following applications: * **USB Ports:** Protecting individual USB 2.0 or 3.0 ports from peripheral shorts. * **Power over Ethernet (PoE):** Current limiting for network devices. * **Automotive Electronics:** Protecting sensors and infotainment modules. * **Battery Packs:** Preventing overcurrent during charging or discharging cycles. --- ### 4. Meaning of the Part Number * **SCF:** Product Series (Surface Mount, Fast Trip). * **075:** Hold current rating (0.75 Amps). * **R:** Lead-free / RoHS compliant. * **1812:** Physical case size (EIA standard).
    ✨ Follow-up Questions
    • ⤷ What is the difference between hold current and trip current in a PPTC?
    • ⤷ How do ambient temperatures affect the performance of the SCF075-R-1812?
    • ⤷ Can this resettable fuse be used for high-voltage AC applications?