전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCF150-R-1812

  • AI
    The **SCF150-R-1812** is a surface-mount Resettable Positive Temperature Coefficient (PTC) thermistor, commonly known as a **PolySwitch** or **PPTC**. It is primarily used for overcurrent and short-circuit protection in electronic circuits. --- ## 1. Technical Specifications The part number follows industry-standard naming conventions regarding its electrical rating and physical size. | Parameter | Value | Description | | :--- | :--- | :--- | | **Part Series** | SCF | Surface Mount PTC Series | | **Hold Current ($I_{hold}$)** | 1.50 A | Maximum current the device can carry without tripping. | | **Max Voltage ($V_{max}$)** | 6 V - 15 V | The maximum voltage the device can withstand. | | **Max Current ($I_{max}$)** | 100 A | The maximum fault current the device can safely interrupt. | | **Package Size** | 1812 | Surface mount dimensions (0.18 x 0.12 inches). | | **Resistance ($R_{min} / R1_{max}$)** | ~0.040 - 0.110 $\Omega$ | Initial resistance at 25°C. | --- ## 2. Working Principle Unlike a traditional fuse that blows and must be replaced, the SCF150-R-1812 is **resettable**: 1. **Normal Operation:** The device has low resistance and allows current to flow through the circuit. 2. **Fault Condition:** If an overcurrent or short-circuit occurs, the internal temperature of the polymer rises. 3. **Tripping:** Once the temperature reaches a critical threshold, the polymer expands, causing the resistance to jump by several orders of magnitude, effectively cutting off the current. 4. **Resetting:** Once the fault is removed and the device cools down, the polymer contracts, and the device returns to a low-resistance state. --- ## 3. Physical Attributes The **1812** footprint is one of the most common sizes for SMD fuses, balancing power handling with PCB space efficiency. * **Length:** 4.50 mm (approx. 0.18 in) * **Width:** 3.20 mm (approx. 0.12 in) * **Mounting Type:** Surface Mount (SMD/SMT) * **Termination:** Solder-plated pads for reflow soldering. --- ## 4. Common Applications * **USB Ports:** Protection for USB 2.0/3.0 hubs and peripherals. * **Battery Packs:** Protection against external short circuits in Li-ion or NiMH packs. * **Motherboards:** Protection for I/O ports and logic circuits. * **Consumer Electronics:** Used in cameras, game consoles, and handheld devices to prevent fire hazards from circuit failures.
    ✨ Follow-up Questions
    • ⤷ What is the difference between I-hold and I-trip for this component?
    • ⤷ How does ambient temperature affect the performance of the SCF150-R-1812?
    • ⤷ Can this PPTC be used in high-voltage AC circuits?