전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCF160-R-1812

  • AI
    The **SCF160-R-1812** is a Surface Mount Technology (SMT) **Resettable Fuse**, specifically a **Polymeric Positive Temperature Coefficient (PPTC)** device. These components are designed to protect electronic circuits from overcurrent and short-circuit conditions. --- ## 1. Component Overview The part number follows a specific nomenclature typically used by manufacturers like **Semikron** or **Lattron**, though the "1812" designation is a standard industry footprint size. | Feature | Specification | | :--- | :--- | | **Component Type** | PPTC Resettable Fuse | | **Package / Case** | 1812 (4.5mm x 3.2mm) | | **Mounting Type** | Surface Mount (SMD) | | **Current Rating ($I_{hold}$)** | 1.60 Amperes | | **Termination Style** | Solder Pad | --- ## 2. Electrical Characteristics These parameters define how the device behaves under normal and fault conditions: * **$I_{hold}$ (Hold Current): 1.60A** * The maximum current the device can carry at 23°C without tripping. * **$I_{trip}$ (Trip Current): ~3.20A** * The minimum current at which the device will switch to a high-resistance state (usually 2x the hold current). * **$V_{max}$ (Maximum Voltage):** * Typically rated for **6V to 16V** depending on the specific sub-series (common in USB or battery protection). * **$I_{max}$ (Maximum Fault Current):** * The highest current the device can safely withstand without permanent damage (often up to 40A or 100A). --- ## 3. How It Functions Unlike traditional fuses that "blow" and must be replaced, the SCF160-R-1812 is **resettable**. 1. **Normal State:** The polymer material contains conductive carbon particles, providing a low-resistance path for current. 2. **Fault State:** During an overcurrent, the polymer heats up ($I^2R$ heating) and expands. The carbon chains break, causing resistance to spike instantly. 3. **Reset State:** Once the power is removed or the fault is cleared, the device cools down, the polymer contracts, and the conductive paths are restored. --- ## 4. Typical Applications The "1812" form factor and 1.6A rating make this part ideal for: * **USB Port Protection:** Protecting against shorts in peripherals. * **Battery Packs:** Preventing excessive discharge or charging currents. * **Automotive Electronics:** Safeguarding low-voltage sensors and control modules. * **Motherboards:** General power rail protection. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage (Vmax) specifically for the 'R' variant of this series?
    • ⤷ How does temperature derating affect the 1.6A hold current?
    • ⤷ What are the primary differences between an 1812 and a 1206 package for resettable fuses?