전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCI0603S-R14GF

  • AI
    The **SCI0603S-R14GF** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It belongs to a category of components used primarily for signal processing and RF (Radio Frequency) applications. ### Technical Specifications Below is a breakdown of the key electrical and physical characteristics for this specific part number: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 140 nH (Nanohenries) | | **Tolerance** | ±2% (indicated by the 'G' in the suffix) | | **Case Size** | 0603 (EIA) / 1608 (Metric) | | **Construction** | Wire-wound Ceramic Core | | **Quality Factor (Q)** | High (typically 30-50+ at specific frequencies) | | **Max DC Current (Idc)** | Approximately 170mA - 250mA (series dependent) | | **Self-Resonant Frequency** | High (> 1000 MHz) | --- ### Key Features 1. **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design provides a much higher **Q factor** and lower **DC resistance (DCR)**, which is essential for maintaining signal integrity in RF circuits. 2. **High Precision:** The "G" tolerance signifies a ±2% margin, which is considered high precision for an inductor, ensuring stable performance in tuning circuits. 3. **Small Footprint:** The 0603 package (1.6mm x 0.8mm) allows for high-density PCB placement. --- ### Typical Applications * **RF Tuning:** Used in resonant circuits for wireless communication devices. * **Impedance Matching:** Often placed in the front-end of antennas to ensure maximum power transfer. * **Filters:** Used in High-Pass, Low-Pass, or Band-Pass filters to eliminate noise. * **Broadband Systems:** Suitable for Bluetooth, Wi-Fi, and GPS modules due to its high-frequency stability. --- ### Part Number Breakdown (Typical) | Code Segment | Meaning | | :--- | :--- | | **SCI** | Series Identifier (Signal Chip Inductor) | | **0603** | Physical dimensions (0.06 x 0.03 inches) | | **S** | Standard or Shielding designation | | **R14** | Inductance value (R represents decimal; R14 = 0.14µH or 140nH) | | **G** | Tolerance code (G = ±2%) | | **F** | Lead-free / RoHS compliant |
    ✨ Follow-up Questions
    • ⤷What is the difference between wire-wound and multilayer inductors in RF circuits?
    • ⤷ How does the Q factor affect the performance of this inductor?
    • ⤷ Are there equivalent parts from other manufacturers like Murata or TDK?