전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCI0603S-R18GF

  • AI
    The **SCI0603S-R18GF** is a high-frequency, surface-mount (SMD) wire-wound ceramic chip inductor. These components are primarily used in RF (Radio Frequency) circuits where high stability and low loss are required. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 180 nH (0.18 µH) | The "R18" in the name represents 0.18 µH. | | **Tolerance** | ±2% | Represented by the "G" suffix. | | **Package Size** | 0603 | Dimensions: 1.6mm x 0.8mm (0.06 x 0.03 inches). | | **Core Material** | Ceramic | Non-magnetic core for high-frequency performance. | | **Structure** | Wire-wound | Copper wire wrapped around a ceramic core for high Q factors. | | **Termination** | Lead-Free (F) | RoHS compliant matte tin plating. | --- ### 2. Key Electrical Performance Wire-wound inductors like the SCI0603S series offer superior performance compared to multilayer inductors in specific areas: * **High Q Factor:** These parts maintain high "Quality Factors," meaning they have very low energy loss at high frequencies. * **High SRF (Self-Resonant Frequency):** Due to the ceramic core and precise winding, this part can operate at frequencies well into the GHz range before becoming capacitive. * **Low DCR (DC Resistance):** The use of thicker copper wire ensures low resistance, minimizing heat generation and power loss. --- ### 3. Common Applications Because of its precision and high-frequency stability, the SCI0603S-R18GF is commonly found in: 1. **RF Matching Networks:** Impedance matching for antennas in Wi-Fi, Bluetooth, and cellular modules. 2. **Filter Circuits:** Used in Band-pass or Low-pass filters for signal conditioning. 3. **VCOs (Voltage Controlled Oscillators):** Stabilizing oscillation frequencies in communication devices. 4. **Power Amplifiers:** Decoupling and biasing circuits in wireless transmitters. --- ### 4. Comparison: Ceramic vs. Ferrite Core | Feature | Ceramic Core (SCI0603S) | Ferrite Core | | :--- | :--- | :--- | | **Frequency Range** | Very High (RF) | Low to Medium | | **Saturation** | Does not saturate | Saturates at high current | | **Inductance Range** | Typically lower (nH) | Typically higher (µH to mH) | | **Best For** | Signal Integrity / RF | Power Filtering / Storage |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?
    • ⤷ How does a 2% tolerance compare to standard tolerances for inductors?
    • ⤷ Can this part be used for power supply decoupling in high-speed digital circuits?