전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCI1008S-R22JF

  • AI
    The **SCI1008S-R22JF** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in RF (Radio Frequency) circuits for filtering, impedance matching, and resonance. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific technical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **SCI** | Series | Signal Chip Inductor (Wire-wound type) | | **1008** | Case Size | 1.0 x 0.8 inches (approximately 2.5 x 2.0 mm) | | **S** | Standard | Indicates the standard performance/material series | | **R22** | Inductance | **0.22 µH** (220 nH) | | **J** | Tolerance | **±5%** | | **F** | Termination | Lead-free / RoHS Compliant finish | --- ### 2. Key Technical Specifications Based on standard industry data for 1008-sized 220nH inductors: * **Inductance:** 220 nH (at a specified test frequency, usually 25 MHz). * **Quality Factor (Q):** Typically high (Min 45-50), allowing for sharp frequency selection. * **Self-Resonant Frequency (SRF):** Usually above 450 MHz. * **DC Resistance (DCR):** Max ~0.70 Ω (depends on the specific manufacturer). * **Rated Current:** Typically between 400mA and 600mA. --- ### 3. Construction and Materials The "S" series usually implies a **Ceramic Core** construction: * **Wire-Wound:** Fine copper wire is wrapped around a ceramic body. This provides much higher Q-factors and lower DCR compared to multilayer inductors. * **Ceramic Body:** Provides excellent thermal stability and high SRF. * **Encapsulation:** Often coated with a clear epoxy/resin to protect the wire windings from physical damage and moisture. --- ### 4. Applications This part is commonly found in communication devices and high-speed electronics: 1. **RF Matching Networks:** Ensuring maximum power transfer between antennas and RF chips. 2. **Band-pass Filters:** Used to allow specific signal frequencies while blocking noise. 3. **VCOs:** Voltage Controlled Oscillators in wireless transmitters. 4. **Bluetooth/WLAN:** High-frequency signal processing in consumer electronics. --- ### 5. Comparable Parts If you are looking for alternatives, these series from other manufacturers are generally equivalent in footprint and performance: * **Coilcraft:** 1008CS or 1008HQ series. * **Murata:** LQW2U series. * **TDK:** MLW series.
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor in RF applications?
    • ⤷ How does the SRF (Self-Resonant Frequency) limit the use of this inductor?
    • ⤷ Can this inductor be used in high-power power supply circuits?