전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCIH1040HC-R36M

  • AI
    The **SCIH1040HC-R36M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of "molded" inductors designed for high efficiency and compact footprints. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical properties: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.36 µH (Indicated by "R36") | | **Tolerance** | ±20% (Indicated by "M") | | **Case Size** | Approx. 10.0 x 10.0 x 4.0 mm (Indicated by "1040") | | **Core Material** | Carbonyl Powder / Metal Alloy (Shielded) | | **Operating Temperature** | -40°C to +125°C (typical) | --- ### 2. Key Features * **High Saturation Current:** Due to its metallic powder core, it handles high peak currents without a sharp drop in inductance (soft saturation). * **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components. * **Low DCR (DC Resistance):** Designed with thick copper wire to minimize power loss and heat generation. * **RoHS Compliant:** Lead-free and environmentally friendly for modern manufacturing. --- ### 3. Applications This inductor is typically found in high-demand power stages, including: 1. **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery. 2. **Point of Load (POL) Converters:** Converting 12V or 5V rails to lower voltages (1.8V, 1.2V, etc.). 3. **Battery Powered Devices:** High-efficiency power management for portable electronics. 4. **Automotive Electronics:** Powering infotainment and ADAS sensors (if AEC-Q200 qualified). --- ### 4. Comparison: Molded vs. Ferrite Inductors Compared to traditional ferrite drum cores, the **SCIH1040HC** series offers: * **Better Thermal Stability:** Inductance remains more stable across temperature fluctuations. * **Physical Durability:** The molded body is more resistant to mechanical shock and vibration. * **Audible Noise Reduction:** The solid structure minimizes "coil whine" caused by magnetostriction.
    ✨ Follow-up Questions
    • ⤷What is the maximum saturation current rating for the R36M version?
    • ⤷ Can this inductor be used in high-frequency switching above 1MHz?
    • ⤷ What are the footprint dimensions for the PCB layout?