전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCIHP0735-R47M

  • AI
    The **SCIHP0735-R47M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and power supply modules. It belongs to the "Molded Power Inductor" category, known for its compact size and high efficiency. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its core specifications: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **SCIHP** | Series Prefix | Shielded, high-current molded power inductor. | | **0735** | Case Size | Approx. 7.0mm x 7.0mm (Length x Width) and 3.5mm height. | | **R47** | Inductance Value | **0.47 µH** (microhenries). | | **M** | Tolerance | **±20%** tolerance. | --- ### 2. Key Electrical Specifications Based on standard industry datasheets for this specific part size and value: * **Inductance:** 0.47 µH * **DC Resistance (DCR):** Typically very low (approx. 2.5mΩ to 4.0mΩ), which minimizes power loss through heat. * **Saturation Current (Isat):** Usually ranges between **20A to 30A**. This is the current at which inductance drops by a specific percentage (usually 20-30%). * **Rated Current (Irms):** Usually around **15A to 22A**. This is the continuous current that causes a 40°C temperature rise. * **Operating Temperature:** Typically -55°C to +125°C. --- ### 3. Construction and Features The SCIHP0735-R47M utilizes a **Molded Iron Powder** construction, which offers several advantages: 1. **Magnetic Shielding:** The molded body acts as a natural shield, reducing Electromagnetic Interference (EMI) with surrounding components. 2. **Soft Saturation:** Unlike ferrite core inductors that lose inductance sharply, these molded parts have a gradual saturation curve. 3. **High Current Density:** Capable of handling large current spikes in a small physical footprint. 4. **Low Buzz Noise:** The solid molded structure reduces acoustic noise caused by magnetostriction. --- ### 4. Common Applications This part is typically found in high-performance electronics where space is limited but power demands are high: * **Voltage Regulator Modules (VRM):** For CPUs and GPUs. * **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies. * **Portable Devices:** Laptops, tablets, and high-end smartphones. * **Automotive Electronics:** Infotainment systems and LED lighting drivers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms for this inductor?
    • ⤷ Can you provide a circuit diagram example using the 0.47uH inductor?
    • ⤷ What are the recommended soldering profiles for SMD molded inductors?