AI

The **SCIMX6DP4CVT2AB** is a high-performance application processor belonging to the **i.MX 6DualPlus** family, manufactured by NXP Semiconductors. It is designed for automotive, industrial, and high-end consumer applications requiring robust graphics and multitasking capabilities.
---
### 1. Key Technical Specifications
The following table summarizes the core hardware parameters of the device:
| Feature | Specification |
| :--- | :--- |
| **Core Architecture** | Dual-core ARM® Cortex®-A9 |
| **Max Clock Speed** | 800 MHz to 1.0 GHz (depending on power mode) |
| **L1 Cache** | 32 KB instruction, 32 KB data per core |
| **L2 Cache** | 1 MB shared |
| **GPU (Graphics)** | Triple Play: Vivante GC2000 (3D), GC355 (2D), GC320 (Comp) |
| **Memory Support** | DDR3/DDR3L, LPDDR2 (Dual-channel 64-bit) |
| **Video Processing** | 1080p60 H.264 video decode/encode |
| **Package** | 624-pin FCBGA (21mm x 21mm) |
| **Operating Temp** | -40°C to +105°C (Automotive/Industrial Grade) |
---
### 2. Electronic Sub-Systems
The "Plus" series (DualPlus/QuadPlus) features significant hardware enhancements over the standard i.MX 6Dual, specifically in memory bandwidth and graphics.
#### A. Processing Power & Memory
* **Enhanced Memory Bus:** The SCIMX6DP includes a prefetch and resolve engine (PRE) which optimizes memory access, significantly improving the effective bandwidth compared to the standard i.MX 6 series.
* **Dual-Channel DDR:** It supports a 64-bit wide memory interface, allowing for high-speed data throughput essential for driving high-resolution displays.
#### B. Multimedia and Graphics
* **Advanced GPU:** It features the Vivante GC2000, providing high-performance 3D rendering. It is capable of driving up to four simultaneous displays.
* **Hardware Accelerators:** Dedicated IP blocks for OpenVG, OpenGL ES 2.0/3.0, and OpenCL 1.1.
#### C. Connectivity and I/O
The chip acts as a hub for various industrial and automotive protocols:
* **PCI Express:** 1 lane of PCIe 2.0.
* **SATA:** Integrated SATA II (3 Gbps) for high-speed storage.
* **Networking:** Gigabit Ethernet MAC (requires external PHY).
* **Automotive Ports:** Dual CAN bus controllers, FlexCAN.
* **USB:** Dual high-speed USB 2.0 ports with integrated PHY.
---
### 3. Part Number Decoder
Understanding the code `SCIMX6DP4CVT2AB`:
| Code Segment | Meaning |
| :--- | :--- |
| **SC** | Commercial/Automotive grade silicon |
| **iMX6DP** | i.MX 6 DualPlus Family |
| **4** | Performance Level (indicates specific frequency/feature set) |
| **C** | Temperature Grade: -40°C to +105°C |
| **VT** | Package Type: FCBGA (Lead-free) |
| **2** | Silicon Revision (Rev 2.0) |
| **AB** | Mask set/Extended silicon revision info |
---
### 4. Typical Application Circuit Components
To implement this SoC in a design, you typically require:
1. **PMIC (Power Management IC):** Such as the PF0100, to manage the multiple voltage rails required by the A9 cores and DDR memory.
2. **Crystal Oscillators:** 24 MHz for the main clock and 32.768 kHz for the RTC.
3. **Storage:** eMMC or QSPI Flash for booting.
4. **Ethernet PHY:** If networking is required.
- ⤷
What are the primary differences between the i.MX 6Dual and the i.MX 6DualPlus?
- ⤷ Which PMIC is most commonly recommended for the SCIMX6DP series?
- ⤷ How many independent display controllers are integrated into this processor?