전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCIMX6DP6CVT2AB

  • AI
    The **SCIMX6DP6CVT2AB** belongs to the **i.MX 6DualPlus** family of processors from NXP Semiconductors. This specific part is a high-performance application processor designed for automotive and industrial multimedia applications, offering enhanced graphics and memory bandwidth compared to the standard i.MX 6Dual. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core Architecture** | Dual-core ARM® Cortex®-A9 | | **Core Frequency** | Up to 800 MHz (Grade-dependent) | | **L1 Cache** | 32 KB instruction, 32 KB data per core | | **L2 Cache** | 1 MB shared | | **GPU (3D)** | Vivante GC2000+ (enhanced version) | | **Memory Support** | LPDDR2, DDR3, DDR3L (up to 533 MHz) | | **Package** | 624-pin FCBGA (21mm x 21mm) | | **Operating Temp** | -40°C to +105°C (Automotive/Industrial Grade) | --- ### 2. Core Functional Components #### A. Processing Unit The dual Cortex-A9 cores include **NEON™ SIMD** extensions, which accelerate media encoding/decoding and signal processing. The "Plus" variant features optimized internal buses to reduce bottlenecks during high-concurrency tasks. #### B. Graphics and Multimedia This chip is a powerhouse for visual applications: * **Triple Play Graphics:** Includes a 3D GPU, a 2D GPU, and a dedicated Vector Graphics accelerator (OpenVG). * **Video Engine (VPU):** Hardware acceleration for 1080p60 video decoding and 1080p30 video encoding. * **Display Interface:** Supports multiple simultaneous displays via HDMI, MIPI-DSI, and LVDS. #### C. Connectivity and I/O The SoC integrates a wide array of peripherals to minimize the need for external chips: * **PCIe:** 1x lane for high-speed expansion. * **SATA:** 3Gbps interface for HDDs/SSDs. * **Networking:** Gigabit Ethernet MAC (requires external PHY). * **Automotive Ports:** 2x CAN interfaces, FlexCAN. * **Storage:** SDXC/eMMC interfaces (uSDHC). --- ### 3. Part Number Decoder (SCIMX6DP6CVT2AB) Understanding the suffix helps identify the specific capabilities: * **SC:** Standard prefix (often indicating specific screening or automotive grade). * **IMX6DP:** i.MX 6DualPlus Series. * **6:** Featureset (Full featured). * **C:** Temperature range (-40°C to +105°C). * **VT:** Package type (FCBGA). * **2AB:** Silicon revision and frequency/feature strapping. --- ### 4. Implementation Example: Basic Block Diagram ```mermaid graph LR A[Cortex-A9 Core 0] --- C[L2 Cache] B[Cortex-A9 Core 1] --- C[L2 Cache] C --- D[DDR3 Controller] D --- E[External RAM] F[Vivante GPU] --- D G[VPU Decoder] --- D ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the i.MX 6Dual and the i.MX 6DualPlus?
    • ⤷ What power management IC (PMIC) is recommended for the SCIMX6DP?
    • ⤷ Can the SCIMX6DP6CVT2AB run Linux or Android?