전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCR-R03AD-H

  • AI
    The **SCR-R03AD-H** is an electronic component typically categorized as a **Silicon Controlled Rectifier (SCR)** module or a solid-state power regulator, often used in industrial heating and motor control applications. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like **Shinko** or **Sansha/SanRex**), the part number breakdown generally follows these characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Silicon Controlled Rectifier (SCR) / Thyristor | | **Control Method** | Phase Angle Control or Zero-Cross Triggering | | **Current Rating** | Typically 30A (indicated by the '03' or '30' code) | | **Input Signal** | Often 4-20mA DC, 1-5V DC, or Potentiometer | | **Mounting** | Panel mount or DIN rail compatible | --- ### 2. Key Electronic Parts & Construction An SCR unit like the R03AD-H is composed of several internal electronic sub-systems: #### A. Power Semiconductor (The SCR) * **Function:** The heart of the device. It acts as a high-speed switch that allows current to flow in one direction when triggered. * **Structure:** A four-layer (P-N-P-N) semiconductor device. * **Efficiency:** High efficiency with low power loss during conduction. #### B. Control Circuitry (Triggering) * **Phase Control:** Adjusts the "firing angle" of the SCR to vary the amount of power delivered to the load. * **Isolation:** Usually contains an **Opto-coupler** to electrically isolate the low-voltage control signal (e.g., from a PLC) from the high-voltage AC line. #### C. Heat Sink & Thermal Management * Because SCRs generate heat during operation, the module is encased in a housing designed to be bolted to a metal **heat sink**. * It may include a **Thermal Cutoff** or sensor to prevent damage from overheating. #### D. Protection Components * **Snubber Circuit:** An internal Resistor-Capacitor (RC) network that protects the SCR from sudden spikes in voltage ($dv/dt$ protection). * **Varistor (MOV):** Often included to protect against transient overvoltage from the power grid. --- ### 3. Connection Terminals Typically, the device features the following terminal categories: 1. **Power Terminals (L1, T1):** Heavy-duty screw terminals for the AC Main input and the Load output. 2. **Control Terminals (+ / -):** Low-voltage inputs for the control signal (e.g., 4-20mA). 3. **Auxiliary Power:** Some models require a separate 100-240V AC supply to power the internal logic board. --- ### 4. Common Applications * **Electric Furnaces:** Precise temperature control for heating elements. * **Drying Ovens:** Regulating infrared heaters. * **Chemical Processing:** Controlling heating mantles or immersion heaters.
    ✨ Follow-up Questions
    • ⤷ What is the difference between phase angle control and zero-cross control in this SCR?
    • ⤷ What are the specific wiring diagrams for the 4-20mA input signal?
    • ⤷ How do I calculate the heat sink size required for a 30A load?