전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCR-R40AA-H

  • AI
    The **SCR-R40AA-H** is an industrial-grade Single-Phase Solid State Voltage Regulator (often referred to as a Power Regulator or SCR Power Controller). It is designed to control the AC voltage supplied to a load, typically for heating elements or motors. --- ## 1. Technical Specifications The part number suffix typically indicates the voltage and amperage ratings. Here is the breakdown of its primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Model Type** | Single-Phase SCR Voltage Regulator | | **Rated Current** | 40 Amperes | | **Input Control Signal** | 4-20mA DC (Standard) / 0-10V DC / Potentiometer | | **Output Voltage Range** | 0V to Max Rated Line Voltage | | **Rated Load Voltage** | 220V - 480V AC (High voltage version "H") | | **Cooling Method** | Heat Sink (Forced air cooling may be required at 40A) | --- ## 2. Core Electronic Components The device is not a simple relay; it is an integrated power electronic module consisting of: ### A. The SCR (Thyristor) Pair The heart of the device consists of two **Silicon Controlled Rectifiers (SCRs)** connected in anti-parallel. * Unlike a standard Solid State Relay (SSR) which is either ON or OFF, the SCRs here use **Phase Angle Control**. * By triggering the SCR at specific points in the AC sine wave, the module "chops" the voltage to provide a variable RMS output. ### B. Control Circuitry (The Brain) The internal PCB processes the input signal (e.g., a 4-20mA signal from a Temperature Controller): * **Isolation Layer:** Opto-couplers are used to provide galvanic isolation between the low-voltage control signal and the high-voltage AC line. * **Trigger Circuit:** Converts the input current/voltage into precise pulses to fire the SCRs. ### C. Protection Elements * **RC Snubber:** An internal Resistor-Capacitor network that protects the SCRs from voltage spikes ($dv/dt$ protection). * **MOV (Metal Oxide Varistor):** Often included to protect against transient overvoltages from the power grid. --- ## 3. Wiring Configuration The unit typically features a four-terminal or six-terminal layout: 1. **Input Terminals (+ / -):** Where the 4-20mA or 0-10V control signal is connected. 2. **Power Terminals (L1 / T1):** * **L1:** Connection to the AC Power Source. * **T1:** Connection to the Load (e.g., Heater). --- ## 4. Application Considerations * **Heat Dissipation:** At 40A, the SCR generates significant heat. It **must** be mounted on a properly sized aluminum heat sink with thermal grease. * **Load Type:** Designed primarily for **Resistive Loads** (Heating elements). Use with Inductive Loads (Transformers/Motors) requires careful derating and verification of the power factor. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between phase-angle control and zero-cross triggering in SCRs?
    • ⤷ How do I calculate the heat sink size for a 40A SCR regulator?
    • ⤷ Can I use a potentiometer to manually control the SCR-R40AA-H?