SCT-2F2F-U8-R
AI

## Overview of SCT-2F2F-U8-R
The **SCT-2F2F-U8-R** is a high-performance, compact **RF Coaxial Adapter**. It is primarily designed for high-frequency testing, telecommunications, and aerospace applications where signal integrity is critical.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type A** | 2.4mm Female |
| **Connector Type B** | 2.4mm Female |
| **Impedance** | 50 Ohms |
| **Max Frequency** | 50 GHz |
| **VSWR (Voltage Standing Wave Ratio)** | ≤ 1.20:1 (Typically) |
| **Body Material** | Stainless Steel (Passivated) |
| **Contact Material** | Beryllium Copper (Gold Plated) |
| **Mounting Style** | Bulkhead / In-series |
---
### Electronic and Physical Components
The performance of this part relies on the precision of its internal electronic components:
1. **Dielectric Insulator**:
- Usually made of high-performance plastics like **PEI (Polyetherimide)** or **PTFE**.
- This part maintains the spacing between the center conductor and the outer shell to ensure consistent 50-ohm impedance.
2. **Center Contact (Female Socket)**:
- Constructed from **Beryllium Copper** for its excellent spring properties and conductivity.
- It is gold-plated to minimize contact resistance and prevent oxidation over thousands of mating cycles.
3. **Outer Conductor (Body)**:
- Made of **Stainless Steel**, providing high mechanical durability and effective EMI (Electromagnetic Interference) shielding.
4. **Interface Design**:
- The **2.4mm interface** is an "air-dielectric" connector. It is physically compatible with 1.85mm connectors but **not** compatible with SMA or 3.5mm connectors (attempting to connect them will damage the pins).
### Key Applications
* **Network Analyzers**: Used as a "connector saver" or to bridge two male cables during calibration.
* **SATCOM**: High-frequency satellite communication ground stations.
* **5G/6G Research**: Testing mmWave (millimeter wave) components.
* **Radar Systems**: Signal routing in high-frequency defense electronics.
---
- ⤷
What is the difference between 2.4mm and 2.92mm (K) connectors?
- ⤷ How does VSWR affect the performance of this adapter at 50 GHz?
- ⤷ Are there specific torque requirements for mating these connectors?