전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCT-2F2M-U8-R

  • AI
    The **SCT-2F2M-U8-R** is a specific part number typically associated with **M12 Circular Connectors**, commonly used in industrial automation, sensor technology, and fieldbus systems. Based on the alphanumeric coding, this component is an **Adapter/Splitter** designed for rugged environments. --- ## 1. Technical Specifications Breakdown The part number can be decoded to understand its electronic and mechanical properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Connector Type** | M12 Circular | Standard industrial interface for sensors/actuators. | | **Configuration** | Y-Splitter (1 to 2) | Typically 1 Male (Plug) to 2 Females (Sockets). | | **Coding** | A-Coding | The standard coding for DC sensors, actuators, and CANopen. | | **Pin Count** | 8-Pin (U8) | High density for multiple signals or complex sensor data. | | **Voltage Rating** | 30V - 60V AC/DC | Depending on specific insulation materials used. | | **Current Rating** | 2A per contact | Standard for 8-pole M12 connectors. | | **Protection Class**| IP67 / IP68 | Dust-tight and waterproof under immersion. | --- ## 2. Pinout and Wiring Structure For an 8-pin M12 "Y" splitter like the **SCT-2F2M-U8-R**, the internal wiring usually follows a parallel or series bridge pattern: - **Input (Male):** Connects to the main controller or junction box. - **Outputs (2x Female):** Connect to two separate devices (e.g., two sensors or an encoder and a switch). - **Material:** The body is usually made of **TPU (Thermoplastic Polyurethane)** for oil resistance, and contacts are **Gold-plated brass** to prevent oxidation. ### Typical 8-Pin Color Code (Standard A-Coding) 1. White 2. Brown 3. Green 4. Yellow 5. Grey 6. Pink 7. Blue 8. Red --- ## 3. Key Electronic Applications This part is crucial in systems where space is limited and multiple signals need to be consolidated: * **Industrial Automation:** Distributing power and data from a single cable to two different sensors. * **Vision Systems:** Connecting cameras that require multiple trigger and power lines. * **Safety Circuits:** Implementing dual-channel safety loops (redundancy). * **Fieldbus Systems:** Used in setups involving DeviceNet or high-pin-count IO-Link modules. --- ## 4. Mechanical & Environmental Features * **Coupling Nut:** Nickel-plated brass or Stainless steel for secure vibration-proof locking. * **Temperature Range:** Typically rated for **-25°C to +85°C**. * **Shielding:** Often comes with 360° EMI/RFI shielding to protect signal integrity in noisy factory environments.
    ✨ Follow-up Questions
    • ⤷ What is the specific wiring diagram for the SCT-2F2M-U8-R splitter?
    • ⤷ Can this connector be used for high-speed Ethernet data transmission?
    • ⤷ What are the compatible mounting accessories for this M12 adapter?