전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SCT-VFVF-UB-R

  • AI
    The **SCT-VFVF-UB-R** is a specialized electronic component primarily used in high-frequency RF (Radio Frequency) communication systems. Specifically, it is a coaxial adapter designed for rugged, bulk-head installations. ### 1. Component Overview This part belongs to the **SubMiniature version A (SMA)** connector family. It is an "in-series" adapter, meaning it connects two cables or devices that use the same interface type. | Feature | Specification | | :--- | :--- | | **Connector Type** | SMA to SMA | | **Gender** | Female to Female (Jack to Jack) | | **Body Style** | Straight / Bulkhead | | **Impedance** | 50 Ohms (Standard for RF) | | **Frequency Range** | Typically DC to 18 GHz | --- ### 2. Key Technical Characteristics #### A. Material Composition * **Body:** Usually constructed from Stainless Steel or Gold-Plated Brass for durability and corrosion resistance. * **Contact Pin:** Beryllium Copper with gold plating to ensure high conductivity and minimal signal loss. * **Insulator:** PTFE (Teflon), which provides excellent dielectric properties for high-frequency signals. #### B. The "Bulkhead" Design (UB) The "UB" in the part number often signifies a **Bulkhead** mounting style. * It includes a threaded barrel with a nut and washer. * This allows the adapter to be mounted through a hole in a panel or enclosure. * It serves as a feed-through point, allowing a signal to pass from the inside of a device to the outside while maintaining shielding. #### C. RF Performance * **VSWR (Voltage Standing Wave Ratio):** Typically kept below 1.25:1 to ensure minimal signal reflection. * **Insertion Loss:** Designed to be negligible (often <0.1 dB) to maintain signal integrity over long distances or high frequencies. --- ### 3. Common Applications 1. **Telecommunications:** Used in base stations and cellular backhaul equipment. 2. **Test & Measurement:** Connecting RF cables to the front panel of oscilloscopes or spectrum analyzers. 3. **Aerospace/Defense:** Integrated into ruggedized communication boxes where external antennas must connect to internal circuitry. 4. **Wireless Networking:** Used in Wi-Fi routers or RF enclosures to provide an external port for high-gain antennas. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque specification for tightening this SMA bulkhead nut?
    • ⤷ How does the 'Female to Female' configuration affect signal polarity compared to a standard cable?
    • ⤷ What are the environmental ratings (IP ratings) for this specific adapter type?