전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SD106WS-CB2-R

  • AI
    The **SD106WS-CB2-R** is a specific surface-mount **Schottky Barrier Diode**. It is designed for high-speed switching and low-voltage applications, typically found in portable electronics and power management circuits. --- ### 1. Key Technical Specifications The following table highlights the critical electrical and physical parameters for this component: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Diode | Metal-semiconductor junction diode | | **Package / Case** | SOD-323 | Small Outline Diode (Surface Mount) | | **Max Reverse Voltage ($V_R$)** | 30V | Maximum voltage it can block in reverse | | **Forward Current ($I_F$)** | 200mA | Continuous current it can handle forward | | **Forward Voltage ($V_F$)** | ~0.37V - 0.5V | Voltage drop across the diode (Low) | | **Reverse Recovery Time ($t_{rr}$)** | < 5ns | Extremely fast switching speed | | **Operating Temperature** | -55°C to +125°C | Thermal operating range | --- ### 2. Functional Characteristics * **Low Forward Voltage Drop:** Because it is a Schottky diode, it has a much lower voltage drop (typically 0.3V to 0.4V) compared to standard silicon diodes (0.7V). This increases efficiency by reducing power loss. * **High Switching Speed:** The absence of minority carrier storage allows the diode to switch states almost instantaneously, making it ideal for high-frequency applications. * **Small Footprint:** The SOD-323 package is tiny, which is essential for modern compact PCB designs. --- ### 3. Common Applications The SD106WS series is generally used in the following scenarios: 1. **Rectification:** Converting small AC signals to DC in low-power circuits. 2. **Clamping/Protection:** Protecting sensitive IC inputs from voltage spikes. 3. **Reverse Polarity Protection:** Preventing damage if batteries or power supplies are connected backward in low-current devices. 4. **Free-wheeling Diodes:** Used in small inductive loads to dissipate back-EMF. --- ### 4. Part Number Breakdown While nomenclature varies slightly by manufacturer (such as Central Semiconductor or Willas), the structure generally follows: * **SD106WS:** The base model series (30V, 200mA Schottky). * **CB2:** Internal factory code or specific revision indicator. * **R:** Usually indicates **Tape and Reel** packaging for automated pick-and-place assembly. ---
    ✨ Follow-up Questions
    • ⤷What are the main differences between the SD106WS and a standard 1N4148 switching diode?
    • ⤷ Can the SD106WS-CB2-R be used for high-power motor rectification?
    • ⤷ What is the typical leakage current for this Schottky diode at max reverse voltage?