전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SDM119N-R68MF

  • AI
    The **SDM119N-R68MF** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-current power supplies. It belongs to a class of "Molded Power Inductors" designed for stability and efficiency in compact spaces. --- ### 1. Part Number Deciphering Understanding the naming convention helps identify the specific electrical properties: | Segment | Identification | Description | | :--- | :--- | :--- | | **SDM** | Series Category | Shielded Power Inductor (Molded Type) | | **119N** | Physical Size | Dimensions (approx. 11.0 x 10.0 x 9.0 mm) | | **R68** | Inductance Value | **0.68 µH** (R denotes decimal point) | | **M** | Tolerance | **±20%** | | **F** | Environmental | Lead-Free / RoHS Compliant | --- ### 2. Key Technical Specifications Based on standard industry data for the 119N-R68 series: * **Inductance:** 0.68 µH. * **DCR (DC Resistance):** Extremely low (typically < 2.0 mΩ), minimizing heat loss. * **Saturation Current (Isat):** Very high (often > 40A), meaning the part maintains inductance even under heavy loads. * **Heating Current (Irms):** High current handling capability based on a 40°C temperature rise. * **Operating Temperature:** Generally rated from -40°C to +125°C. --- ### 3. Core Features & Construction #### A. Molded Construction Unlike traditional wire-wound inductors with an open ferrite core, this part is made by pressing metal powder around the copper coil. * **Magnetic Shielding:** Naturally shielded, reducing EMI (Electromagnetic Interference). * **Acoustic Noise:** Reduction in "buzzing" sounds caused by magnetostriction. #### B. High Saturation Characteristics The metal powder core allows for "soft saturation," meaning the inductance drops gradually rather than abruptly when current increases. This prevents sudden spikes in circuit current. --- ### 4. Common Applications Due to its high current capacity and low profile, it is typically found in: 1. **Voltage Regulator Modules (VRM):** For CPUs and GPUs in servers and laptops. 2. **High-current DC/DC Converters:** Point-of-load (POL) power supplies. 3. **Automotive Electronics:** Infotainment and ADAS systems. 4. **Battery Powered Devices:** Where high efficiency is required to extend battery life. --- ### 5. Layout Recommendations When designing a PCB for the SDM119N-R68MF, consider the following: ```markdown 1. Keep the inductor close to the switching IC to minimize the switching node loop. 2. Use wide copper traces/planes to handle the high saturation current. 3. Avoid placing sensitive signal traces directly underneath the inductor. ```
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions (length/width/height) of the 119N package?
    • ⤷ How does the 'soft saturation' of this molded inductor compare to traditional ferrite core inductors?
    • ⤷ Which manufacturers produce equivalents to the SDM119N-R68MF?