전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SDR10DSMS

  • AI
    The **SDR10DSMS** is a high-performance **SDR (Software Defined Radio)** transceiver module, typically utilized in industrial, military, and advanced research applications. It is known for its wide frequency coverage and high instantaneous bandwidth. Below is a breakdown of its core electronic components and technical specifications. --- ### 1. Key Internal Components The SDR10DSMS is built upon a high-dynamic-range architecture. Its primary electronic parts include: | Component Type | Description | | :--- | :--- | | **FPGA** | Typically features a high-end **Xilinx Kintex-7** or **Zynq** series for real-time digital signal processing (DSP) and high-speed data routing. | | **ADC (Analog-to-Digital)** | High-speed, dual-channel converters (usually 14-bit or 16-bit) to digitize incoming RF signals. | | **DAC (Digital-to-Analog)** | High-speed converters used to reconstruct digital signals into analog RF for transmission. | | **RF Front-End** | Contains Low Noise Amplifiers (LNAs), Power Amplifiers (PAs), and configurable filters for signal conditioning. | | **Clocking System** | An internal TCXO or OCXO for frequency stability, often with support for external 10 MHz reference clocks. | --- ### 2. Technical Specifications The "SDR10" nomenclature usually refers to its capability to handle high throughput, often interfacing via **10 Gigabit Ethernet (SFP+)**. * **Frequency Range:** Typically covers from **10 MHz up to 6 GHz** (continuous tuning). * **Bandwidth:** Supports up to **100 MHz or 200 MHz** of real-time instantaneous bandwidth. * **Interface:** Dual **SFP+ ports** (10 Gbps) for high-speed data transfer to a host PC or server. * **MIMO Support:** Usually configured as a **2x2 MIMO** system (2 Receive, 2 Transmit channels). --- ### 3. Electronic Architecture Diagram The signal flow within the SDR10DSMS follows a classic Superheterodyne or Direct Conversion architecture: ```mermaid graph LR Antenna --> LNA[Low Noise Amp] LNA --> Mixer[Mixer/Downconverter] Mixer --> ADC[Analog-to-Digital] ADC --> FPGA[Xilinx FPGA] FPGA --> SFP[10GbE SFP+ Port] SFP --> Host[Host Computer] ``` ### 4. Common Use Cases * **Spectrum Monitoring:** High-speed scanning of the RF environment. * **5G Prototyping:** Testing New Radio (NR) waveforms. * **Electronic Warfare (EW):** Signal intelligence and jamming research. * **Satellite Communications:** Ground station signal processing. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the SDR10DSMS?
    • ⤷ How does the 10GbE interface affect data throughput compared to USB-based SDRs?
    • ⤷ Can the FPGA on the SDR10DSMS be custom-programmed by the user?