전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SDR10JSMS

  • AI
    Based on the part number **SDR10JSMS**, this appears to be a specific identifier for a **Surface Mount Device (SMD)** power inductor, commonly used in power management circuits. Below is a breakdown of the electronic specifications and characteristics typical for this series (often associated with manufacturers like Bourns or similar generic industrial standards). --- ## 1. Part Number Breakdown While naming conventions can vary slightly by manufacturer, the code generally follows this structure: | Segment | Meaning | Description | | :--- | :--- | :--- | | **SDR** | Series Type | Standard SMD Power Inductor (Non-shielded or Semi-shielded). | | **10** | Size Code | Indicates the physical dimensions (typically ~10mm diameter). | | **J** | Tolerance | Indicates a $\pm$ 5% inductance tolerance. | | **SMS** | Packaging/Finish | Surface Mount Standard / Lead-free finish. | --- ## 2. Technical Specifications Inductors in the SDR10 series are designed for high-current applications where space is at a premium. ### Electrical Characteristics * **Inductance Range:** Typically ranges from $1.0 \mu H$ to $1000 \mu H$ (specific value depends on the numbers following "SDR10"). * **Current Rating:** Capable of handling high saturation currents ($I_{sat}$) and RMS currents ($I_{rms}$). * **DC Resistance (DCR):** Designed with low resistance to minimize power loss and heat generation. ### Physical Construction * **Core Material:** Ferrite core for high-frequency performance. * **Terminal Finish:** Sn/Ag/Cu (Lead-free). * **Mounting:** SMD (Surface Mount Device) for automated PCB assembly. --- ## 3. Common Applications These parts are integral to modern power electronics. Their primary roles include: 1. **DC-DC Converters:** Used as energy storage elements in buck, boost, or buck-boost regulators. 2. **Power Supplies:** Found in laptops, LED drivers, and telecommunications equipment. 3. **Filtering:** Used to filter out high-frequency noise in power lines to prevent electromagnetic interference (EMI). 4. **Consumer Electronics:** Used in televisions, video game consoles, and portable devices due to their compact size. --- ## 4. Key Advantages * **High Energy Storage:** The ferrite core allows for high magnetic flux density. * **Thermal Stability:** Designed to operate in environments ranging from $-40^\circ C$ to $+125^\circ C$. * **Reliability:** Robust construction suitable for reflow soldering processes.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the SDR10JSMS version?
    • ⤷ How does an unshielded SDR inductor compare to a shielded (SRR) inductor in terms of EMI?
    • ⤷ What are the footprint dimensions for the SDR10 series inductors?