전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SDR10JSMSTX

  • AI
    Based on the part number **SDR10JSMSTX**, it appears to be a specialized electronic component, likely a **Surface Mount Device (SMD)** power inductor or a specific diode/transistor assembly, often associated with brands like **Bourns** (for the SDR series inductors) or custom semiconductor labeling. Below is a breakdown of the typical electronic characteristics and categories associated with this type of component. --- ## 1. Component Identification The prefix **SDR** is most commonly associated with **Surface Mount Power Inductors**. These are passive components used to store energy in a magnetic field. ### Part Number Breakdown (Typical) | Segment | Meaning | Description | | :--- | :--- | :--- | | **SDR** | Series Type | Standard Surface Mount Power Inductor. | | **10** | Size Code | Typically refers to the physical dimensions (e.g., 10mm diameter/width). | | **J** | Tolerance | Often represents a $\pm5\%$ tolerance. | | **SMSTX** | Packaging/Special | Indicates Surface Mount (SM), Tape & Reel (T), and specific alloy or lead-free (X) status. | --- ## 2. Key Technical Specifications If this component is a power inductor (the most common "SDR" category), the technical parameters are as follows: ### A. Inductance Value The inductance is measured in **Henries (H)**, usually ranging from $1.0 \mu H$ to $1000 \mu H$ for this series. It determines how much energy the part can store and its effectiveness in filtering. ### B. Current Ratings * **Heating Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C). * **Saturation Current ($I_{sat}$):** The current level where the inductance drops by a specific percentage (usually 10-30%). ### C. Construction * **Core Material:** Usually Ferrite, which provides high permeability and low magnetic loss. * **Termination:** Tin-plated copper pads for SMT reflow soldering. * **Shielding:** Many SDR series are "unshielded," meaning they have a higher magnetic field leakage but can handle higher saturation currents for their size. --- ## 3. Applications These parts are integral to power management circuits: 1. **DC-DC Converters:** Used in Buck, Boost, and SEPIC converters to smooth out current ripples. 2. **Power Supplies:** Found in laptops, LED drivers, and industrial control boards. 3. **Filtering:** Used in EMI/RFI filtering to prevent high-frequency noise from entering or leaving a circuit. --- ## 4. Comparison Table: Shielded vs. Unshielded (SDR Type) | Feature | Unshielded (Common SDR) | Shielded | | :--- | :--- | :--- | | **Cost** | Lower | Higher | | **Saturation Current** | Higher (gradual drop) | Lower (sharp drop) | | **EMI Interference** | Higher leakage | Minimal leakage | | **Size** | More compact for same power | Slightly bulkier | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the JSMSTX variant?
    • ⤷ Is this component compatible with lead-free reflow soldering processes?
    • ⤷ Can this part be used in automotive-grade (AEC-Q200) applications?