전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SDR10M

  • AI
    The **SDR10M** is a high-performance, dual-channel Software Defined Radio (SDR) receiver designed for high-frequency (HF) and low-frequency applications. It is frequently used in amateur radio, signal intelligence (SIGINT), and spectral analysis. Below is a breakdown of its key electronic components and specifications. --- ### 1. Key Electronic Specifications | Component / Feature | Specification | Description | | :--- | :--- | :--- | | **ADC Resolution** | 16-bit | High dynamic range for weak signal detection. | | **Frequency Range** | 100 Hz – 30 MHz | Covers VLF, LF, MF, and the entire HF band. | | **Sample Rate** | 10 MSPS | Real-time bandwidth up to 10 MHz. | | **ADC Chip** | LTC2208 (or similar) | High-speed, high-linearity analog-to-digital converter. | | **Interface** | USB 2.0 / 3.0 | Data transfer and power supply via PC connection. | | **Channels** | 2 Independent Channels | Allows for phase-coherent reception or diversity. | --- ### 2. Internal Architecture The SDR10M follows a **Direct Sampling** architecture, which minimizes noise and distortion compared to traditional superheterodyne designs. #### A. Front-End Filtering Before reaching the digital stage, the signal passes through: * **Low Pass Filters (LPF):** To prevent aliasing by cutting off frequencies above 30 MHz. * **Preamplifiers:** Low-noise amplifiers (LNA) to boost weak signals from the antenna. * **Attenuators:** Digitally controlled steps to prevent ADC clipping in high-signal environments. #### B. The Analog-to-Digital Converter (ADC) The heart of the SDR10M is its **16-bit ADC**. Unlike cheap 8-bit RTL-SDR dongles, 16-bit sampling allows the device to distinguish very weak signals even in the presence of extremely strong nearby transmitters (high "Blocking Dynamic Range"). #### C. FPGA (Field Programmable Gate Array) The FPGA handles the massive data flow from the ADC. It performs: * **DDC (Digital Down Conversion):** Shifts the high-frequency digital signal down to baseband. * **Decimation:** Reduces the sample rate to a manageable level for the USB interface while increasing effective resolution. --- ### 3. Connection and I/O The board typically features the following physical electronic ports: * **SMA Connectors:** Standard 50-ohm RF inputs for antennas. * **External Clock (Ref In):** Often includes a 10 MHz reference input for high-precision frequency synchronization (TCXO/OCXO). * **GPIO Pins:** For controlling external hardware like antenna switches or band-pass filters. --- ### 4. Comparison with Entry-Level SDRs | Feature | RTL-SDR (Entry) | SDR10M (High-End) | | :--- | :--- | :--- | | **Bit Depth** | 8-bit | 16-bit | | **Dynamic Range** | ~50 dB | ~100+ dB | | **Architecture** | Tuner + ADC | Direct Sampling | | **Phase Coherence** | No | Yes (Dual Channel) | ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of 16-bit ADC over 8-bit in SDR applications?
    • ⤷ How does direct sampling differ from up-converting in HF receivers?
    • ⤷ Can the SDR10M be used for Direction Finding (DF) using its dual channels?