전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SDT400-R

  • AI
    The **SDT400-R** is a high-performance, programmable step motor driver typically used in industrial automation for precise motion control. It is designed to drive two-phase hybrid stepping motors. Below is a breakdown of its electronic components, technical specifications, and connectivity. --- ### 1. Core Technical Specifications The internal electronics are designed to handle high-voltage DC input and convert it into regulated current phases for the motor. | Component / Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V to 40V DC | | **Output Current** | 0.9A to 4.0A (Peak) | | **Drive Method** | Bipolar Constant Current PWM Drive | | **Microstep Resolution** | Up to 12,800 steps/revolution (Programmable) | | **Pulse Frequency** | Up to 200 kHz | | **Logic Signal Current** | 7mA to 15mA | --- ### 2. Electronic Interface & Pinout The SDT400-R features two main terminal blocks: one for high-power connections (Motor and Power) and one for low-voltage logic (Control signals). #### Power & Motor Terminal (High Voltage) | Pin Label | Description | Function | | :--- | :--- | :--- | | **VCC** | Power Input (+) | DC power supply positive terminal | | **GND** | Power Input (-) | DC power supply ground | | **A+ / A-** | Motor Phase A | Connection for the first motor coil | | **B+ / B-** | Motor Phase B | Connection for the second motor coil | #### Control Signal Terminal (Opto-Isolated) To prevent electrical noise from damaging the controller (PLC or Arduino), these inputs are **optically isolated**. * **PUL+ / PUL- (Pulse):** Controls the speed and distance. Each pulse moves the motor one step. * **DIR+ / DIR- (Direction):** Controls the clockwise or counter-clockwise rotation. * **ENA+ / ENA- (Enable):** Used to engage or release the motor's holding torque. --- ### 3. Internal Protection Circuitry The SDT400-R contains several onboard safety circuits to prevent electronic failure: 1. **Over-Voltage Protection:** Shuts down the drive if the DC input exceeds the safe threshold (usually ~50V). 2. **Over-Current Protection:** Limits output to the motor to prevent coil burnout. 3. **Short-Circuit Protection:** Protects the internal MOSFETs if motor phases are shorted. 4. **Automatic Idle Current Reduction:** When the motor is not moving, the electronics reduce current to roughly 50% to minimize heat. --- ### 4. Configuration (DIP Switches) The unit features a bank of small switches on the side to configure the internal logic: * **Current Setting:** Matches the driver's output to the rated current of your specific motor. * **Microstep Setting:** Determines how many pulses are required for a full rotation (higher microstepping results in smoother motion but lower high-speed torque).
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct current setting for a specific NEMA 23 motor?
    • ⤷ What is the wiring diagram for connecting the SDT400-R to an Arduino?
    • ⤷ How does microstepping impact the torque-speed curve of this driver?