전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SE2525L-R

  • AI
    ### Overview of SE2525L-R The **SE2525L-R** is a specialized electronic component primarily used in wireless communication. It is a **2.4 GHz Power Amplifier (PA)** designed for Wireless LAN (WLAN) applications, specifically targeting the IEEE 802.11b/g/n standards. --- ### Technical Specifications The following table highlights the core electrical characteristics of the SE2525L-R: | Parameter | Value / Range | Unit | | :--- | :--- | :--- | | **Operating Frequency** | 2.4 to 2.5 | GHz | | **Supply Voltage (Vcc)** | 3.0 to 3.6 | Volts | | **Output Power (802.11g)** | +18 (at 3% EVM) | dBm | | **Gain** | 28 to 30 | dB | | **Package Type** | QFN (16-pin) | 3x3 mm | | **Current Consumption** | ~140 - 170 | mA | --- ### Key Internal Components & Features The SE2525L-R is an integrated circuit (IC) that contains several critical sub-circuits to ensure efficient signal amplification: 1. **Three-Stage Amplifier:** It utilizes a multi-stage design to achieve high gain (~28dB), allowing low-power signals from a Wi-Fi chipset to be boosted for transmission. 2. **Power Detector:** It includes an on-chip, temperature-compensated power detector. This allows the system to monitor the output power level and adjust it in real-time to maintain signal integrity. 3. **Input/Output Matching:** The IC is designed to simplify the design process by including internal matching circuits, though some external surface-mount devices (SMDs) are typically required for fine-tuning to 50 ohms. 4. **Enable/Disable Pin:** Features a logic-level control pin (EN) to put the device into a low-power "sleep" mode when not transmitting, which is crucial for battery-powered devices. --- ### Pin Configuration Summary | Pin Type | Description | | :--- | :--- | | **RFIN** | Radio Frequency Input; receives the signal from the transceiver. | | **RFOUT** | Radio Frequency Output; sends the amplified signal to the antenna. | | **VCC** | Power supply pins for the various stages of the amplifier. | | **EN** | Enable pin to turn the PA on or off. | | **DET** | Output pin for the power detector voltage. | | **GND** | Grounding pins (includes the large center paddle for heat dissipation). | --- ### Applications Because of its small form factor and efficiency, the SE2525L-R is commonly found in: * **Mobile Handsets:** Integrated into smartphones for Wi-Fi connectivity. * **PC Cards & USB Dongles:** Providing the "boost" needed for long-range wireless adapters. * **Access Points:** Small home routers or range extenders. * **Embedded Modules:** IoT devices that require 802.11b/g/n communication.
    ✨ Follow-up Questions
    • ⤷ What are the typical external components required for the SE2525L-R matching circuit?
    • ⤷ How does the power detector in this chip help in reducing Error Vector Magnitude (EVM)?
    • ⤷ Is the SE2525L-R compatible with newer 802.11ax (Wi-Fi 6) standards?