전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SE2613T-R

  • AI
    ## Overview of the SE2613T-R The **SE2613T-R** is a high-performance **2.4 GHz Front-End Module (FEM)** developed by Skyworks Solutions. It is specifically designed for IEEE 802.11b/g/n WLAN (Wi-Fi) applications. Its primary function is to integrate multiple radio frequency (RF) components into a single, compact package to save space and improve performance in mobile devices and routers. --- ### Core Components & Architecture The SE2613T-R integrates several critical electronic stages into one chip: | Component | Function | | :--- | :--- | | **Power Amplifier (PA)** | Boosts the transmit signal to the required level for antenna broadcast. | | **Low Noise Amplifier (LNA)** | Amplifies weak incoming signals while minimizing added noise. | | **Transmit/Receive (T/R) Switch** | Switches the antenna connection between the transmit and receive paths. | | **Power Detector** | Provides a closed-loop feedback mechanism to monitor and control output power. | | **Harmonic Filter** | Suppresses unwanted frequencies to ensure regulatory compliance. | --- ### Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Frequency Range** | 2.4 GHz to 2.5 GHz | | **Operating Voltage** | 3.0V to 3.6V | | **Output Power (802.11g)** | ~18 dBm | | **Gain (Transmit)** | ~28 dB | | **LNA Gain (Receive)** | ~12 dB | | **Package Type** | QFN (16-pin, 3.0mm x 3.0mm) | --- ### Circuit Features 1. **LNA with Bypass:** The integrated LNA includes a "Bypass Mode." This allows the device to reduce power consumption when the incoming signal is strong enough that amplification isn't necessary. 2. **Logic Control:** The device uses CMOS-compatible control logic. It typically requires only two or three digital pins to toggle between Transmit, Receive, and Bluetooth (if shared) modes. 3. **Impedance Matching:** The input and output are internally matched to **50 Ohms**, which significantly simplifies the PCB design by reducing the need for external inductors and capacitors. --- ### Application Usage The SE2613T-R is commonly found in: * Smartphones and Tablets. * PCMCIA cards and USB Dongles. * Access Points and Routers. * Embedded Wi-Fi modules for IoT devices.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the SE2613T-R?
    • ⤷ How does the power detector output relate to the transmit power?
    • ⤷ What are the specific thermal management requirements for this FEM?