전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SEF503C

  • AI
    The **SEF503C** is a high-speed, surface-mount **ESD (Electrostatic Discharge) Protection Diode** (also known as a TVS Diode Array). It is primarily designed to protect sensitive integrated circuits and high-speed data lines from damage caused by static electricity or voltage transients. --- ## 1. Technical Specifications Below are the typical electronic characteristics for the SEF503C: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Reverse Stand-Off Voltage ($V_{RWM}$)** | 5.0 V | The maximum voltage at which the device remains non-conductive. | | **Breakdown Voltage ($V_{BR}$)** | 6.0 V (Min) | The point at which the device begins to conduct to ground. | | **Clamping Voltage ($V_C$)** | ~12 - 15 V | The maximum voltage the protected line will see during a spike. | | **Junction Capacitance ($C_J$)** | 0.5 pF - 0.8 pF | Very low capacitance, essential for high-speed signals. | | **Package Type** | SOT-523 / SOD-523 | Ultra-small surface mount footprint. | | **Number of Channels** | 1 Line | Protects a single unidirectional or bidirectional line. | --- ## 2. Key Electronic Features ### High-Speed Compatibility Because the internal capacitance is extremely low (sub-1pF), the SEF503C does not distort high-frequency signals. This makes it suitable for data rates exceeding several Gbps. ### Fast Response Time The device transitions from a high-impedance state to a conductive state in less than **1 nanosecond**, ensuring the transient pulse is shunted to ground before it can damage the host IC. ### Low Leakage Current Under normal operating conditions (below 5V), the device draws negligible current (typically < 1µA), ensuring power efficiency in battery-operated devices. --- ## 3. Common Applications The SEF503C is typically found in the following electronic circuits: * **USB Ports:** Protection for USB 2.0 and USB 3.0 data lines. * **HDMI / DisplayPort:** Guarding high-speed video interfaces. * **Mobile Devices:** Protecting internal components in smartphones and tablets. * **Antenna Protection:** Shielding RF circuits from ESD entering through the antenna. --- ## 4. Typical Circuit Diagram In a standard application, the SEF503C is placed in parallel between the data signal line and the ground (GND). ```text Signal Line (In) ────────┬──────── Signal Line (Out/To IC) │ ┌──────┴──────┐ │ SEF503C │ (TVS Diode) └──────┬──────┘ │ Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between SEF503C and a standard Zener diode?
    • ⤷ Can the SEF503C be used for bidirectional signal lines?
    • ⤷ How does junction capacitance affect high-speed data integrity?