전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SES-265W-R/E2

  • AI
    The **SES-265W-R/E2** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Resistor**. These components are designed for high-density circuit boards where heat dissipation and precision are critical. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic behavior: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Resistor | Specifically an SMD/Chip Resistor. | | **Power Rating** | 265 Watts (Peak/System) | Indicates the maximum power handling capacity. | | **Tolerance** | ±0.5% to ±5% | Precision rating (standard for the 'E2' series). | | **Package Style** | R/E2 (Radial/Flat) | Defines the physical footprint and lead configuration. | | **Mounting Type** | Surface Mount (SMT) | Designed for automated PCB assembly. | --- ### 2. Core Electronic Components & Materials The SES-265W-R/E2 utilizes high-grade materials to manage its high power-to-size ratio: * **Resistive Element:** Typically composed of a metal film or thick film cermet (ceramic-metal) material. * **Substrate:** A high-purity **Alumina (Al2O3)** ceramic base, which provides excellent electrical insulation and thermal conductivity. * **Termination:** Tin-plated (Sn) over a nickel (Ni) barrier layer to prevent "solder leaching" and ensure robust electrical connectivity. * **Protective Coating:** An epoxy or glass overglaze that protects the resistive element from environmental humidity and mechanical stress. --- ### 3. Key Performance Characteristics 1. **Thermal Management:** The "W" designation often implies a high-wattage capability relative to its size, requiring the PCB to act as a heatsink. 2. **Temperature Coefficient (TCR):** Usually rated between **±100 ppm/°C**, ensuring that the resistance value remains stable even as the part heats up during operation. 3. **Voltage Rating:** Designed to handle significant working voltages without dielectric breakdown. --- ### 4. Typical Applications Due to its robust power handling, this part is commonly found in: * **Power Supplies:** Used as a current sensing or bleeder resistor. * **Motor Controllers:** Managing surge currents in industrial drives. * **Automotive Electronics:** Integrated into EV battery management systems (BMS). * **Telecommunications:** Load balancing in high-frequency base stations. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value (Ohms) for this model number?
    • ⤷ Does this component require an external heatsink for maximum power rating?
    • ⤷ What are the recommended soldering temperature profiles for the E2 package?