전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SES-2AA-R/Q

  • AI
    The **SES-2AA-R/Q** refers to a high-performance, industrial-grade **Solid State Relay (SSR)** or a specific digital protection relay module (often associated with brands like Samwha or Schneider Electric in specialized power monitoring contexts). Below is a detailed breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Key Technical Specifications The "2AA" typically denotes a 2-pole configuration designed for Alternating Current (AC) control. | Feature | Specification | | :--- | :--- | | **Control Voltage** | 90–260V AC / DC (Universal Input) | | **Load Current** | Up to 25A - 40A (Depending on heatsink) | | **Switching Type** | Zero-Cross Switching (Reduces EMI) | | **Number of Poles** | 2-Pole (Dual Channel) | | **Dielectric Strength** | 2500V AC minimum | --- ### 2. Internal Electronic Architecture The device is comprised of three primary electronic stages that allow for isolated switching of high-power loads. #### A. Input Circuitry (Control Side) * **Optoisolator:** The core component that provides electrical isolation between the low-voltage control signal and the high-voltage load. * **Current Limiting Resistor:** Protects the internal LED of the optocoupler from overcurrent. * **Bridge Rectifier:** Allows the input to accept both AC and DC control voltages (Universal Input). #### B. Trigger Circuitry * **Zero-Cross Detector:** A circuit that ensures the relay only switches "ON" when the AC load voltage is near zero volts. This prevents massive inrush currents and electrical noise. * **Gate Drive:** Amplifies the signal from the optoisolator to trigger the power semiconductors. #### C. Output Circuitry (Load Side) * **TRIAC or Back-to-Back Thyristors (SCRs):** These are the rugged semiconductor switches that handle the actual power. * **Snubber Circuit (R-C Network):** An internal Resistor-Capacitor network that suppresses voltage spikes (dv/dt) caused by inductive loads like motors or solenoids. * **Varistor (MOV):** Often integrated to protect the semiconductor from transient overvoltage from the power line. --- ### 3. Terminal Connection Map | Terminal ID | Function | Description | | :--- | :--- | :--- | | **A1 / A2** | Input Control | Connect to the PLC or Switch (90-260V) | | **L1 / T1** | Pole 1 Load | Line input and Load output for Phase 1 | | **L2 / T2** | Pole 2 Load | Line input and Load output for Phase 2 | --- ### 4. Application and Cooling Because this is a **Solid State** device, it generates heat due to the forward voltage drop (approx. 1.2V to 1.6V per pole). * **Thermal Interface:** The backplate is usually aluminum. * **Requirement:** It **must** be mounted on a heatsink if switching loads greater than 5A to prevent thermal runaway of the internal SCRs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Random-Fire switching in this model?
    • ⤷ Does the SES-2AA-R/Q require an external fuse for short-circuit protection?
    • ⤷ What are the recommended heatsink dimensions for a 20A load?