전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SES-2B4W-R/E

  • AI
    The **SES-2B4W-R/E** is a professional-grade electronic component typically used in telecommunications and signal distribution networks. It is a **High-Frequency Power Splitter/Combiner** designed specifically for satellite and cable television (CATV/SMATV) applications. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Component Type** | 2-Way RF Power Splitter | | **Frequency Range** | 5 MHz — 2400 MHz (Broadband) | | **Impedance** | 75 Ohms | | **Connector Type** | F-Type (Female) | | **Power Passing** | DC Pass (All ports or designated port) | | **Housing** | Zinc die-cast with nickel plating | --- ### 2. Core Electronic Functions The SES-2B4W-R/E performs several critical electronic tasks within a circuit: #### A. Signal Splitting & Combining * **Splitter Mode:** It takes one incoming RF signal (Input) and divides it into two equal outputs with minimal signal degradation. * **Combiner Mode:** It can work in reverse, taking two separate signals and merging them into a single output line. #### B. DC Power Management (The "R/E" suffix) The "R/E" model usually denotes advanced **DC Power Passing** capabilities. * This allows a satellite receiver to send DC voltage back up the coaxial cable to power an LNB (Low Noise Block) or an amplifier. * It includes internal diodes to prevent "back-feeding" or short-circuiting between multiple connected receivers. #### C. EMI/RFI Shielding Because the body is made of a solid zinc die-cast, it provides high **Screening Effectiveness** (typically >100dB). This prevents external electronic noise from interfering with the video signal and stops the signal from leaking out. --- ### 3. Internal Components While the device appears as a solid metal box, the interior contains: * **Ferrite Core Transformers:** Used to match the impedance and ensure minimal insertion loss. * **Capacitors:** To block DC where not required and filter high-frequency noise. * **Resistors:** To provide isolation between the output ports (preventing a fault on one TV from affecting the other). --- ### 4. Common Applications * **Satellite TV:** Splitting a signal from one dish to two different rooms. * **Cable Internet:** Splitting the incoming provider line between a Cable Modem and a TV box. * **Signal Distribution:** Used in multi-dwelling units (MDUs) to distribute terrestrial and satellite signals simultaneously.
    ✨ Follow-up Questions
    • ⤷ What is the typical insertion loss for this 2-way splitter at 2400 MHz?
    • ⤷ How does the 'DC Pass' feature protect the satellite receiver from short circuits?
    • ⤷ Can this splitter be used for bidirectional internet signals like MoCA?