전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SES-2H5W-R/E

  • AI
    The **SES-2H5W-R/E** is a high-performance **Step-Down (Buck) DC-DC Converter Module**, typically utilized in industrial automation, telecommunications, and distributed power systems. It is designed to convert a higher input voltage into a regulated 5V output with high efficiency. --- ### ## Technical Specifications The following table outlines the primary electrical characteristics of the SES-2H5W-R/E: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 18V – 36V DC (Standard 24V Input) | | **Output Voltage** | 5V DC | | **Output Power** | 10 Watts | | **Output Current** | 2.0 Amperes | | **Efficiency** | ~82% - 85% | | **Isolation Voltage** | 1500V DC (Input to Output) | | **Package Type** | DIP (Dual In-line Package) or Metal Cased | --- ### ### Key Electronic Components & Internal Architecture The module consists of several critical sub-systems that ensure stable power delivery: 1. **Switching Regulator IC:** The "brain" of the module that uses Pulse Width Modulation (PWM) to control the conversion process. 2. **Power MOSFETs:** High-speed switching transistors that minimize energy loss during the step-down process. 3. **Inductor (Choke):** Stores energy magnetically during the "on" cycle and releases it during the "off" cycle to smooth the current. 4. **Input/Output Capacitors:** Ceramic or Tantalum capacitors used for ripple reduction and EMI (Electromagnetic Interference) filtering. 5. **Isolation Transformer:** Provides galvanic isolation, ensuring that high-voltage spikes on the input side do not damage sensitive components on the 5V output side. --- ### ### Protection Features To ensure long-term reliability, the SES-2H5W-R/E includes integrated protection circuitry: * **Short Circuit Protection (SCP):** Automatically shuts down or limits current if the output is shorted. * **Over-Voltage Protection (OVP):** Prevents the output from exceeding safe levels (e.g., above 6V). * **Over-Current Protection (OCP):** Limits the output current to prevent thermal runaway. * **Thermal Shutdown:** Turns off the device if internal temperatures exceed safe operating limits (usually around 100°C - 125°C). --- ### ### Pin Configuration (Typical) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input (Ground) | | 3 | +Vout | Regulated 5V Output | | 4 | -Vout | Output Ground | | 5 | Remote On/Off | (Optional) Logic control to enable/disable the module |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the SES-2H5W-R/E before derating occurs?
    • ⤷ Can this module be used in parallel with another for higher current output?
    • ⤷ What are the specific physical dimensions for the PCB footprint?