전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SF1-R100

  • AI
    The **SF1-R100** typically refers to a high-precision industrial **Laser Distance Sensor** (often associated with brands like Seaforth or similar industrial automation manufacturers). These devices are used for non-contact distance measurement, level sensing, and positioning. ### 1. Key Electronic Specifications The performance of the SF1-R100 is defined by its optoelectronic capabilities. | Feature | Specification (Typical) | | :--- | :--- | | **Measurement Range** | 0.1m to 100m (on reflective surfaces) | | **Operating Voltage** | 10V - 30V DC | | **Output Interfaces** | RS485 (Modbus RTU), 4-20mA Analog, or PNP/NPN Switch | | **Laser Class** | Class II (Eye-safe visible red laser) | | **Accuracy** | ±1mm to ±3mm | | **Power Consumption** | < 1.5W at 24V | --- ### 2. Core Electronic Components The internal architecture of the SF1-R100 consists of three main subsystems: #### A. Optical Engine * **Laser Diode:** Emits a focused pulse of light (usually 635nm - 650nm). * **Avalanche Photodiode (APD):** A highly sensitive semiconductor that detects the reflected photon return. #### B. Signal Processing Unit * **Microcontroller/FPGA:** Calculates distance using **Phase-Shift** or **Time-of-Flight (ToF)** methods. * **Analog-to-Digital Converter (ADC):** Converts the optical signal into digital data for processing. #### C. Interface & Protection Circuitry * **Galvanic Isolation:** Protects the internal electronics from voltage spikes on the communication lines. * **Reverse Polarity Protection:** Prevents damage if the DC power supply is connected backwards. --- ### 3. Wiring and Pinout Configuration Most SF1-R100 units utilize an **M12 5-pin or 8-pin connector**. Below is a standard industrial wiring representation: | Pin Number | Wire Color | Function | | :--- | :--- | :--- | | 1 | Brown | +VCC (10-30V DC) | | 2 | White | Analog Output (4-20mA) | | 3 | Blue | GND (0V) | | 4 | Black | Digital Output (Switch/Trigger) | | 5 | Gray/Green | RS485-A / RS485-B (Data) | --- ### 4. Implementation Example (RS485/Modbus) To read data from the sensor electronically, you would typically use a Modbus command. ```python # Conceptual Python snippet for reading SF1-R100 via RS485 import minimalmodbus # Initialize sensor (Address 1, Serial Port COM3) sensor = minimalmodbus.Instrument('COM3', 1) sensor.serial.baudrate = 9600 # Read distance from register 0x01 distance_mm = sensor.read_register(1, functioncode=3) print(f"Current Distance: {distance_mm} mm") ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RS485 and 4-20mA output versions of this sensor?
    • ⤷ How do I calibrate the SF1-R100 for a specific target material?
    • ⤷ What are the environmental protection ratings (IP) for the SF1-R100 housing?