전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SFP-GA-R

  • AI
    The **SFP-GA-R** is a specific type of Small Form-factor Pluggable (SFP) transceiver module designed for Gigabit Ethernet over copper wiring. It is commonly referred to as a "1000BASE-T" SFP. Unlike optical SFPs that use lasers, this module converts electrical signals from the switch's backplane into signals compatible with RJ45 Ethernet cables (Cat5/5e/6). --- ## 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | RJ45 (Copper) | | **Data Rate** | 1000 Mbps (1 Gbps) | | **Cable Type** | Cat5 / Cat5e / Cat6 | | **Max Distance** | 100 Meters | | **Protocol** | IEEE 802.3ab (1000BASE-T) | | **Voltage Supply** | 3.3V | --- ## 2. Main Electronic Components The SFP-GA-R is a complex piece of hardware containing several critical sub-systems within its metal housing: ### A. Physical Layer Chip (PHY IC) This is the "brain" of the module. Since the switch provides a **SERDES** (Serializer/Deserializer) signal, the PHY chip must translate that signal into a pulse-amplitude modulation (**PAM-5**) format used for copper Gigabit Ethernet. It also handles: * Auto-negotiation (speed and duplex). * Crossover detection (Auto-MDIX). ### B. Magnetics Module (Transformer) Located just behind the RJ45 port, this component provides **Galvanic Isolation**. It protects the sensitive electronics of the switch from voltage spikes on the network cable and filters out electromagnetic interference (EMI). ### C. EEPROM (I2C Interface) Every SFP contains an EEPROM chip that stores the "Digital Signature" or ID of the module. This includes: * Manufacturer name and Part Number. * Serial Number. * Compatibility codes (ensuring it works with Cisco, Juniper, etc.). ### D. Power Management Circuitry The module draws power from the host switch (3.3V). Internal voltage regulators ensure a stable current is provided to the PHY chip, as copper SFPs typically consume more power (up to 1.1W) compared to optical SFPs due to the heat generated by the copper signal processing. --- ## 3. Signal Flow Diagram 1. **Host Side (Gold Fingers):** Receives high-speed differential signals from the switch. 2. **Processing:** The PHY IC converts the signal from 1.25Gbps SerDes to 1000BASE-T logic. 3. **Output:** The signal passes through the Magnetics/Transformer. 4. **Connector:** The signal exits via the 8-pin RJ45 connector to the Cat5e cable. --- ## 4. Notable Operational Characteristics * **Hot Swappable:** Can be plugged in or removed without powering down the switch. * **Heat Dissipation:** Because copper SFPs process signal conversion internally, they tend to get warmer than fiber SFPs. The outer shell is usually made of zinc alloy to act as a heat sink. * **Low Latency:** Offers high-speed throughput with minimal delay, suitable for standard LAN environments.
    ✨ Follow-up Questions
    • ⤷ What is the power consumption difference between SFP-GA-R and optical SFP modules?
    • ⤷ Does the SFP-GA-R support 10/100 Mbps auto-negotiation or only 1000 Mbps?
    • ⤷ How does the EEPROM in an SFP affect its compatibility with different switch brands?