전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SFPP-SR-RUCKUS-C

  • AI
    The **SFPP-SR-RUCKUS-C** is a high-performance, short-range (SR) optical transceiver module designed for use with Ruckus Networks equipment. It follows the SFP+ (Small Form-factor Pluggable Plus) standard and is used primarily for 10 Gigabit Ethernet applications. --- ### Core Electronic & Optical Components The internal architecture of the SFPP-SR-RUCKUS-C consists of several critical electronic and photonic sub-assemblies: | Component | Description | Function | | :--- | :--- | :--- | | **VCSEL Laser** | Vertical-Cavity Surface-Emitting Laser | The light source that converts electrical signals into optical pulses at an 850nm wavelength. | | **PIN Photodiode** | Positive-Intrinsic-Negative Diode | The receiver component that converts incoming light pulses back into electrical signals. | | **TIA** | Transimpedance Amplifier | Amplifies the low-level current from the photodiode into a usable voltage signal. | | **Laser Driver** | Integrated Circuit (IC) | Controls the bias and modulation current of the VCSEL to ensure stable light output. | | **EEPROM** | Electrically Erasable Programmable ROM | Stores "Ruckus-specific" coding, serial numbers, and vendor ID for system compatibility. | | **MCU** | Microcontroller Unit | Manages the Digital Diagnostic Monitoring (DDM) functions. | --- ### Technical Specifications The electronic performance is governed by the following parameters: * **Data Rate:** 10.3125 Gbps (10GBASE-SR). * **Wavelength:** 850 nm (Multimode). * **Supply Voltage:** 3.3V (Standard for SFP+ MSA). * **Power Consumption:** Typically < 1 Watt. * **Interface:** Dual LC Connector (Optical) and 20-pin Gold-finger connector (Electrical). --- ### Digital Diagnostic Monitoring (DDM) The "C" in the part number often denotes a "Compatible" version that supports real-time monitoring via the I2C interface. This allows network administrators to track: 1. **Transceiver Temperature:** Prevents overheating. 2. **Supply Voltage:** Monitors electrical stability. 3. **Laser Bias Current:** Indicates the health of the VCSEL. 4. **Tx Optical Power:** The strength of the signal being sent. 5. **Rx Optical Power:** The strength of the signal being received. ### Compatibility Logic The most critical "electronic" aspect of this specific Ruckus-compatible module is the **Firmware**. Ruckus switches (like the ICX series) perform a handshake via the I2C bus. The EEPROM on this module is programmed with a specific signature that allows the switch to recognize it as a genuine or authorized peripheral, preventing "unsupported transceiver" errors in the CLI. ---
    ✨ Follow-up Questions
    • ⤷ How does the SFPP-SR differ from an SFPP-LR module?
    • ⤷ What is the maximum cable distance supported by this module over OM3 vs OM4 fiber?
    • ⤷ Can this module be used in a 1G SFP port?