전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SFSKB2M80GF00-R1_V01

  • AI
    The **SFSKB2M80GF00-R1** is a specialized surface-mount electronic component, specifically a **Ceramic Filter** manufactured by **Murata Electronics**. These components are primarily used in communication equipment to select or reject specific frequencies. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Ceramic Filter (SF Series) | | **Center Frequency** | 2.80 MHz | | **Mounting Type** | Surface Mount (SMD) | | **Packaging** | Tape & Reel (-R1) | | **Application** | Communication/Signal Processing | ### 2. Core Functional Parts Inside this small ceramic package, several physical and electronic mechanisms work together: * **Piezoelectric Ceramic Resonator:** The heart of the device. It utilizes the piezoelectric effect to convert electrical signals into mechanical vibrations and back into electrical signals. * **Electrode Patterns:** Silver or gold-plated patterns on the ceramic substrate that define the input, output, and ground connections. * **Encapsulation Case:** A heat-resistant resin or ceramic lid that protects the sensitive internal vibration elements from humidity and soldering heat. * **Damping Material:** Specialized internal coatings that control the "Q-factor" (quality factor) to ensure the bandwidth meets specific requirements. ### 3. Electronic Characteristics The device acts as a **Band-Pass Filter**, allowing signals near 2.80 MHz to pass while attenuating others. Key electrical behaviors include: 1. **Insertion Loss:** The amount of signal power lost as the signal passes through the filter. 2. **Bandwidth:** The range of frequencies (around 2.80 MHz) that can pass with minimal attenuation. 3. **Stopband Attenuation:** The filter's ability to "choke" or block frequencies outside of the desired range. 4. **Impedance Matching:** Typically requires specific input/output resistance (often in the range of 330Ω to 1kΩ) to prevent signal reflection. ### 4. Common Applications * **RF Stages:** Used in the Intermediate Frequency (IF) stage of radio receivers. * **Remote Control Systems:** Filtering signals for wireless command modules. * **Microprocessor Clocks:** Sometimes used in specific timing circuits where high precision (but not crystal-level) is required. ---
    ✨ Follow-up Questions
    • ⤷What is the typical bandwidth for the SFSKB series?
    • ⤷ How does a ceramic filter differ from a crystal filter?
    • ⤷ What are the recommended soldering conditions for this SMD component?