전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SFSKB5M20GF00-R1_17

  • AI
    The **SFSKB5M20GF00-R1** (specifically from the SF series by manufacturers like Murata) is a **Surface Mount Device (SMD) Ceramic Filter**. These components are critical in telecommunication and radio frequency (RF) circuits for selecting specific frequencies while rejecting noise. ### 1. Key Technical Specifications Based on the standard nomenclature for this part series, the technical breakdown is as follows: | Feature | Specification | Description | |:---|:---|:---| | **Center Frequency** | 5.20 MHz | The target frequency the filter is designed to pass. | | **Mounting Type** | SMD | Surface Mount Device for automated PCB assembly. | | **Bandwidth (3dB)** | Typically ±50 kHz | The range of frequencies passed with minimal loss. | | **Insertion Loss** | ~3.0 dB to 6.0 dB | The signal power lost when passing through the filter. | | **Impedance** | 330 $\Omega$ to 600 $\Omega$ | Standard input/output impedance for matching. | --- ### 2. Physical Construction and Pins These filters are built using **Piezoelectric Ceramics**. When an electrical signal is applied, the ceramic vibrates mechanically. Only the vibration at the resonant frequency (5.20 MHz) is converted back into an electrical signal at the output. #### Pin Configuration The device usually features 3 or 4 terminals: 1. **Input:** Where the modulated RF/IF signal enters. 2. **Ground:** Connected to the system ground for stability and shielding. 3. **Output:** Where the filtered 5.20 MHz signal exits. --- ### 3. Applications The SFSKB5M20GF00 series is primarily used in **Intermediate Frequency (IF)** stages: * **TV Sound Processing:** Used in television circuits to extract the audio carrier signal from the video signal. * **Radio Receivers:** Helps in narrowing the signal to a specific band to prevent interference from adjacent stations. * **Wireless Communication:** Acts as a band-pass filter to clean up signals before demodulation. --- ### 4. Circuit Example (Simplified) In a typical circuit, the ceramic filter is placed between two transistor stages or within an IC's signal path: ```text [ Mixer/Pre-Amp ] ---> [ Ceramic Filter (5.20MHz) ] ---> [ Demodulator/IC ] | [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic filter and a crystal filter?
    • ⤷ How do I calculate the impedance matching for this specific part?
    • ⤷ Are there alternative center frequencies available for the SFSKB series?