전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SFTLF10M7JBA0-R0

  • AI
    ## Overview of SFTLF10M7JBA0-R0 The **SFTLF10M7JBA0-R0** is a specific type of **Ceramic Filter** manufactured by **Murata Electronics**. It is primarily used in communication equipment for frequency selection and noise suppression within the Intermediate Frequency (IF) stages. --- ### 1. Technical Specifications | Parameter | Specification | |:--- |:--- | | **Manufacturer** | Murata Electronics | | **Center Frequency** | 10.7 MHz | | **Type** | Ceramic Filter (SFELF/SFTLF Series) | | **Mounting Type** | Surface Mount (SMD) | | **Bandwidth (3dB)** | Typically ±150 kHz or specific to "J" grade | | **Insertion Loss** | Low (typically < 6dB) | | **Operating Temperature** | -20°C to +80°C | --- ### 2. Functional Description This component belongs to the **SFELF/SFTLF 10.7MHz series**. Its primary function is to allow a specific band of frequencies to pass through while rejecting unwanted signals (noise or adjacent channel interference). * **Piezoelectric Effect:** It utilizes the mechanical vibration of ceramic materials to filter electrical signals. * **Application:** Commonly found in FM radio receivers, wireless communication devices, and remote control systems. * **"J" Grade:** In Murata's nomenclature, the "J" often signifies a specific bandwidth and tolerance range, ensuring high selectivity for FM broadcasting. --- ### 3. Component Identification (Code Breakdown) | Segment | Meaning | |:--- |:--- | | **SFTLF** | Series name (Ceramic Filter for FM) | | **10M7** | Center Frequency (10.7 MHz) | | **J** | Bandwidth/Characteristics Code | | **BA0** | Internal Control/Design Code | | **R0** | Packaging Style (usually refers to Tape and Reel) | --- ### 4. Key Advantages 1. **Small Footprint:** The SMD design allows for high-density mounting on modern PCBs. 2. **Stability:** High frequency stability against temperature changes. 3. **No Adjustment Needed:** Unlike LC filters, ceramic filters are pre-tuned and do not require manual adjustment during assembly. ---
    ✨ Follow-up Questions
    • ⤷ What are the typical bandwidth variations for Murata 10.7MHz filters?
    • ⤷ How does this filter compare to a standard LC filter in FM circuits?
    • ⤷ What is the pin configuration for the SFTLF SMD package?