전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SFVLF10M7EBA0-R0

  • AI
    The **SFVLF10M7EBA0-R0** is a specialized electronic component manufactured by **Murata Electronics**. It belongs to the family of **Ceramic Filters**, specifically designed for Intermediate Frequency (IF) stage processing in communication devices. --- ## 1. Technical Specifications The part number encodes specific characteristics defined by Murata's standard for SFV series filters. | Parameter | Specification | | :--- | :--- | | **Component Type** | Ceramic Filter (Ladder Type) | | **Center Frequency** | 10.7 MHz | | **Bandwidth (3dB)** | Typically ±110 kHz to ±150 kHz | | **Insertion Loss** | Low (Specific to the "E" grade) | | **Impedance** | 330 $\Omega$ | | **Package Type** | Surface Mount Device (SMD) | | **Application** | FM Receivers / Radio Tuners | --- ## 2. Key Internal Concepts To understand how this part functions, it is important to look at its internal construction and purpose: ### A. Piezoelectric Effect The device uses ceramic elements that exhibit the piezoelectric effect. It converts electrical signals into mechanical vibrations and back into electrical signals. Because these vibrations occur at a specific resonant frequency (10.7 MHz), only signals near that frequency are allowed to pass through. ### B. Intermediate Frequency (IF) Filtering In a superheterodyne receiver, incoming high-frequency radio signals are down-converted to a fixed Intermediate Frequency. The SFVLF10M7EBA0-R0 acts as a "gatekeeper" at this stage: * **Passband:** It allows the 10.7 MHz signal (the standard FM IF) to pass. * **Stopband:** It rejects noise and adjacent channel interference. --- ## 3. Part Number Breakdown Murata part numbers are descriptive. Here is the breakdown for the **SFVLF10M7EBA0-R0**: 1. **SFVLF**: Product series (Surface mount ceramic filter for FM). 2. **10M7**: Represents the center frequency of **10.7 MHz**. 3. **E**: Bandwidth/Characteristics code (defines the selectivity curve). 4. **BA0**: Internal design code for structural dimensions and matching impedance. 5. **R0**: Packaging code, typically indicating **Tape and Reel** (2,000 or 3,000 pieces per reel). --- ## 4. Usage Considerations When designing a circuit with this part, engineers must consider: * **Impedance Matching:** To prevent signal reflection and ensure a flat response, the input and output must be matched to **330 $\Omega$**. * **Reflow Soldering:** As an SMD component, it is designed for automated pick-and-place and reflow soldering ovens. * **Size:** The "LF" series is generally smaller than older through-hole ceramic filters, making it ideal for portable electronics. ---
    ✨ Follow-up Questions
    • ⤷How does the impedance matching of 330 ohms affect the signal quality in FM circuits?
    • ⤷ What are the common alternatives to Murata ceramic filters for 10.7 MHz applications?
    • ⤷ Can this filter be used in digital communication protocols or only analog FM?