전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SGP41-D-R4

  • AI
    The **SGP41-D-R4** is a high-performance digital gas sensor developed by Sensirion, specifically designed for indoor air quality sensing. It is an integrated VOC (Volatile Organic Compounds) and $NO_x$ (Nitrogen Oxides) sensor. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and performance characteristics of the SGP41: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Supply Voltage (VDD)** | 1.7 – 3.6 | V | | **Idle Current** | 34 | µA | | **Measurement Current** | 3.2 – 4.5 | mA | | **Interface** | I2C (Standard / Fast Mode) | - | | **Output Signals** | VOC Index & $NO_x$ Index | - | | **Package** | DFN6 (2.44 x 2.44 x 0.85 mm) | mm | | **Operating Temp** | -10 to +50 | °C | --- ### 2. Functional Electronic Components The SGP41 is a "System-on-Chip" (SoC) that integrates several layers of technology: #### A. MOX Sensing Element The core consists of a **Metal-Oxide (MOX)** semiconductor. When gas molecules interact with the heated metal-oxide surface, the electrical resistance of the layer changes. The SGP41 uses multi-pixel technology to distinguish between different gas types. #### B. Integrated Micro-Heater To facilitate the chemical reaction on the MOX surface, an internal micro-heater is used. * **Controlled Heating:** The sensor electronics precisely control the temperature to ensure stability and sensitivity. * **Power Management:** The sensor utilizes duty-cycling to keep power consumption low while maintaining thermal equilibrium during measurements. #### C. Signal Processing & ASIC The raw resistance data from the MOX pixels is processed by an internal **Application-Specific Integrated Circuit (ASIC)**: * **ADC:** Converts analog resistance changes into digital signals. * **Calibration:** The chip includes factory-calibrated parameters to compensate for part-to-part variation. * **MOX-Index Algorithm:** It converts raw signals into a standardized "Index" (0-500) that represents air quality levels relative to the recent history of the environment. --- ### 3. Connection Diagram (I2C) The sensor communicates via the I2C protocol. Below is the typical pinout configuration: ```text Pin 1: VDD (Power Supply) Pin 2: VSS (Ground) Pin 3: SDA (I2C Data line) Pin 4: SCL (I2C Clock line) Pin 5: VDDH (Heater Supply - usually connected to VDD) Pin 6: VSS (Ground) ``` > **Note:** Pull-up resistors (typically 10 kΩ) are required on the SDA and SCL lines for stable communication. --- ### 4. Software Implementation The SGP41 requires a specific "conditioning" period upon startup. Developers typically use the Sensirion Gas Index Algorithm to process the raw values. ```cpp // Example pseudocode for initialization sgp41_begin(); sgp41_execute_conditioning(conditioning_time); // Prepares the sensor sgp41_measure_raw(&raw_voc, &raw_nox); // Retrieves raw data ```
    ✨ Follow-up Questions
    • ⤷ How does the NOx Index differ from the VOC Index in terms of detection?
    • ⤷ What are the recommended pull-up resistor values for the SGP41 I2C interface?
    • ⤷ Does the SGP41 require external temperature and humidity compensation?