전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SIM548C

  • AI
    The **SIM548C** is a high-performance, quad-band GSM/GPRS module integrated with GPS technology. It is designed to provide a "one-box" solution for tracking applications, combining cellular communication and satellite positioning into a single compact SMT (Surface Mount Technology) package. --- ### ## 1. Core Hardware Specifications The SIM548C architecture is divided into two main functional blocks: the **GSM/GPRS engine** and the **GPS engine**. | Feature | GSM/GPRS Specifications | GPS Specifications | | :--- | :--- | :--- | | **Frequency Bands** | Quad-band: 850/900/1800/1900MHz | L1 Frequency (1575.42MHz) | | **Channels** | GPRS Multi-slot Class 10/8 | 20 Receiver Channels | | **Sensitivity** | -107 dBm | -159 dBm (Tracking) | | **Accuracy** | Network Dependent | < 2.5m CEP (Autonomous) | | **TTFF** | N/A | Cold Start: 42s; Hot Start: 1s | --- ### ## 2. Key Interface Pins To integrate the SIM548C into an electronic circuit, several critical interfaces must be managed: * **Power Supply (VBAT):** Requires a stable voltage between **3.4V to 4.5V**. It must be capable of handling 2A bursts during GSM transmission. * **UART Interfaces:** * **Serial Port:** Used for AT commands and data transfer. * **Debug Port:** Used for software debugging. * **GPS Port:** Outputs NMEA data strings (sentences) for location processing. * **Analog Audio:** Includes two channels for microphones and two for speakers/earpieces. * **SIM Interface:** Supports 1.8V and 3V SIM cards. * **Antenna Pads:** Separate pads are provided for the GSM antenna and the GPS antenna (typically requires an active antenna). --- ### ## 3. Typical Application Circuit Components When designing a PCB for the SIM548C, the following peripheral electronic parts are essential: 1. **Capacitors:** Low ESR Tantalum capacitors (approx. 100uF - 470uF) near the VBAT pins to prevent voltage drops. 2. **ESD Protection:** TVS diodes on the SIM card lines and UART lines to prevent damage from static electricity. 3. **Level Shifters:** If the microcontroller (MCU) operates at 3.3V or 5V, level shifters are required as the SIM548C logic level is typically 2.8V. 4. **RF Connectors:** U.FL or SMA connectors for external antennas. --- ### ## 4. Operational Modes * **Power Down:** Minimum current consumption; all functions are off. * **Sleep Mode:** The module enters a low-power state but remains registered to the network. * **GPS Standby:** GSM remains active while the GPS engine is powered down to save energy.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption differences between GSM and GPS modes?
    • ⤷ Can the SIM548C be programmed with custom C code (OpenCPU)?
    • ⤷ How does the SIM548C compare to the newer SIM808 module?