전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SINK-F-R

  • AI
    ### Overview of the SINK-F-R The **SINK-F-R** is a specific electronic component designation, most commonly associated with **heat sinks** designed for board-level thermal management. In electronic systems, these parts are critical for dissipating heat generated by semiconductors (such as power transistors, MOSFETs, or ICs) to prevent thermal runaway and hardware failure. --- ### Component Specifications Below is a breakdown of the typical characteristics found in SINK-F-R series components: | Feature | Description | | :--- | :--- | | **Material** | High-grade Aluminum Alloy (usually 6063-T5) | | **Mounting Type** | Through-hole or Solderable pins (F-type indicates specialized footprint) | | **Finish** | Black Anodized or Degreased (R-type often indicates RoHS compliance) | | **Thermal Resistance** | Varies by size (typically 10°C/W to 30°C/W in natural convection) | | **Compatibility** | TO-220, TO-247, or custom multi-pin packages | --- ### Key Technical Attributes #### 1. Thermal Management Strategy The "SINK" prefix identifies its role as a passive cooling element. It increases the surface area of the heat-generating component, allowing for better heat transfer to the surrounding air via: * **Conduction:** Heat moves from the component package to the metal base. * **Convection:** Heat is carried away by air moving across the fins. #### 2. Physical Design (The "F" and "R" Designators) While naming conventions can vary slightly by manufacturer, the suffixes typically represent: * **F (Fin/Footprint):** Refers to a specific fin geometry or a "Folded" design to maximize surface area in a compact volume. It may also indicate "Vertical" mounting tabs. * **R (RoHS/Right-angle):** Often signifies **RoHS Compliance** (Lead-free) or a **Right-angle** mounting orientation relative to the PCB. #### 3. Attachment Methods These parts often feature: * **Integrated Pins:** Pre-installed solderable pins that allow the heat sink to be treated like a standard component during wave soldering. * **Clips or Holes:** Pre-drilled holes for screw-mounting the semiconductor to the sink. --- ### Typical Applications * **Power Supplies:** Cooling voltage regulators (L7805 series) and switching transistors. * **Motor Drivers:** Dissipating heat from H-bridge circuits. * **Audio Amplifiers:** Managing thermal output from Class AB or Class D power stages.
    ✨ Follow-up Questions
    • ⤷ What are the dimensions and pin spacing for the SINK-F-R model?
    • ⤷ How do I calculate the required thermal resistance for my MOSFET using this heat sink?
    • ⤷ Are there active cooling versions (fan-attached) for this specific series?