전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SL15-M1KT-R

  • AI
    ## Technical Analysis of SL15-M1KT-R The **SL15-M1KT-R** is a specific electronic component belonging to the **NTC (Negative Temperature Coefficient) Thermistor** category, manufactured by **Thinking Electronic Industrial (TKS)**. These devices are primarily used for inrush current limiting in power supplies and other electronic circuits. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for this specific part: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Part Number** | SL15-M1KT-R | Specific SKU | | **Resistance at 25°C** | 15 $\Omega$ | Initial resistance at room temperature | | **Tolerance** | ±20% (M) | Variance in resistance | | **Diameter** | 15 mm | Physical size of the thermistor disk | | **Max. Steady State Current** | ~4.0 A to 5.0 A | The maximum continuous current it can handle | | **Residual Resistance** | ~0.4 $\Omega$ to 0.6 $\Omega$ | Resistance after reaching operating temp | | **Operating Temp Range** | -40°C to +200°C | Thermal limits of the ceramic material | --- ### 2. Functional Principles The SL15-M1KT-R operates as an **Inrush Current Limiter (ICL)**. Its function relies on the physics of NTC ceramics: 1. **High Cold Resistance:** When a device is first turned on, the thermistor is at ambient temperature ($25^\circ C$). Its $15\Omega$ resistance acts as a "buffer," preventing a massive surge of electricity from damaging sensitive components like bridge rectifiers or filter capacitors. 2. **Self-Heating Phase:** As current flows through the device, it heats up due to Joule heating ($P = I^2R$). 3. **Low Hot Resistance:** Because it is an NTC device, its resistance drops significantly as its temperature rises. Once the circuit reaches a steady state, the resistance becomes negligible (often less than $1\Omega$), allowing current to flow with minimal power loss. --- ### 3. Physical Construction & Coding The part number can be broken down to understand its build: * **SL:** Series designation (Inrush Current Limiter). * **15:** Disk diameter (15mm). Larger diameters can handle higher energy pulses and steady-state currents. * **M:** Resistance Tolerance (±20%). * **150 (implied 15):** Resistance value in Ohms. * **K/T/R:** Packaging and lead configuration (e.g., Kinked leads, Tape/Reel, or RoHS compliance). --- ### 4. Common Applications These parts are typically found in the input stage of: * **Switching Mode Power Supplies (SMPS)** * **AC Motors** * **LCD/LED Televisions** * **Uninterruptible Power Supplies (UPS)** * **LED Drivers** ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum energy rating (Joules) for the SL15-M1KT-R?
    • ⤷ How does this thermistor compare to a 10D-15 model in terms of current handling?
    • ⤷ What are the recommended mounting distances to prevent heat damage to adjacent components?