AI

The **SL74HC161** is a high-speed CMOS device, specifically a **Presettable 4-Bit Binary Counter**. It is part of the 7400 series logic ICs and is widely used for digital counting, frequency division, and timing circuits.
---
### ## Technical Specifications Overview
Below are the primary electrical and physical characteristics of the SL74HC161.
| Feature | Specification |
| :--- | :--- |
| **Logic Family** | High-Speed CMOS (HC) |
| **Operating Voltage (Vcc)** | 2.0V to 6.0V |
| **Current Consumption** | 80 µA (Max) |
| **Maximum Frequency** | Up to 25-30 MHz (at 4.5V) |
| **Counting Mode** | 4-Bit Synchronous Binary |
| **Reset Type** | Asynchronous |
| **Package Types** | DIP-16, SOP-16 |
---
### ## Functional Pin Description
The IC typically comes in a 16-pin package. Understanding the pins is crucial for correct implementation.
1. **MR (Master Reset):** Active LOW. When pulled low, it clears the counter outputs to 0 immediately (Asynchronous).
2. **CP (Clock Pulse):** The counter advances on the **Positive-Going Edge** of this signal.
3. **P0 - P3 (Parallel Inputs):** Data used to preset the counter to a specific value.
4. **SPE (Synchronous Parallel Enable):** Active LOW. When low, the values at P0-P3 are loaded into the counter on the next clock edge.
5. **CET / CEP (Count Enables):** Both must be HIGH for the counter to operate.
6. **TC (Terminal Count):** Generates a HIGH pulse when the counter reaches 15 (1111), useful for cascading multiple ICs.
7. **Q0 - Q3:** The 4-bit binary output.
---
### ## Key Operational Features
#### 1. Synchronous Counting
Unlike "ripple" counters, all flip-flops in the SL74HC161 change state simultaneously on the clock pulse. This prevents "glitches" or decoding spikes in the output, making it ideal for high-speed synchronous systems.
#### 2. Asynchronous Reset
The **MR** pin overrides the clock. Regardless of the clock state, pulling MR low will reset the counter. This distinguishes it from the 74HC163, which has a synchronous reset.
#### 3. Cascading
By connecting the **TC (Terminal Count)** of one chip to the **CET/CEP** pins of the next, you can create 8-bit, 12-bit, or larger counters easily.
---
### ## Example Logic Table (Simplified)
| Mode | MR | SPE | CET | CEP | CP | Action |
| :--- | :--- | :--- | :--- | :--- | :--- | :--- |
| **Reset** | L | X | X | X | X | Outputs = 0 (Asynchronous) |
| **Load** | H | L | X | X | ↑ | Outputs = Parallel Inputs (P) |
| **Count** | H | H | H | H | ↑ | Binary Increment (Q + 1) |
| **Hold** | H | H | L | X | X | No Change |
---
- ⤷
What is the difference between SL74HC161 and SL74HC163?
- ⤷ How do you cascade two SL74HC161 ICs to create an 8-bit counter?
- ⤷ What are the common applications for 4-bit synchronous counters?