전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SMF503C

  • AI
    ## SMF503C Electronic Component Overview The **SMF503C** is a Surface Mount (SMD) high-precision component typically used in sensing, filtering, or oscillator circuits. While the specific manufacturer prefix can lead to variations, this part number is most commonly associated with **Ceramic Filters** or **Precision NTC Thermistors** (depending on the package and industry context). ### 1. Technical Specifications Below are the general characteristics for the SMF503C series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Component Type** | Passive Component (Filter/Sensor) | - | | **Mounting Style** | Surface Mount (SMD) | - | | **Resistance/Frequency** | 50 kΩ / 5.0 MHz (Varied by type) | - | | **Tolerance** | ±1% to ±5% | % | | **Operating Temperature** | -40 to +125 | °C | | **Package Size** | 0603 or 0805 (Metric 1608/2012) | mm | --- ### 2. Common Configurations #### A. NTC Thermistor Version In many industrial BOMs (Bill of Materials), the `503` refers to the resistance value: **50** followed by **3** zeros (**50,000 Ω** or **50kΩ**). * **Purpose:** Temperature sensing and compensation. * **Applications:** Battery packs, mobile devices, and power supplies. #### B. Ceramic Filter/Resonator Version If the component is used in RF or communication circuits, it functions as a frequency control device. * **Purpose:** Signal filtering to allow specific frequencies to pass while blocking noise. * **Applications:** Remote controls, AM/FM radio receivers, and clock generators. --- ### 3. Key Identification Features To confirm the exact nature of your specific SMF503C, look for these physical markings: 1. **Body Material:** If it is a dark, glass-coated or epoxy rectangle, it is likely an **NTC Thermistor**. 2. **Number of Pins:** * 2 terminals: Resistor/Thermistor. * 3 or more terminals: Ceramic Filter/Resonator. 3. **Circuit Designation:** Check the PCB silk-screen. `RT` or `TH` indicates a thermistor; `Y`, `X`, or `FL` indicates a filter/oscillator. --- ### 4. Implementation Example (Thermistor Context) If using the SMF503C as a temperature sensor in an Arduino or Microcontroller circuit: ```cpp // Basic code logic for reading a 50k NTC (SMF503C) int sensorPin = A0; float Vout; float R_NTC; void setup() { Serial.begin(9600); } void loop() { int raw = analogRead(sensorPin); Vout = raw * (5.0 / 1023.0); // Calculate resistance and convert to temperature via Steinhart-Hart equation Serial.println(Vout); delay(500); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact physical package size of your SMF503C?
    • ⤷ Are you using this part for temperature sensing or frequency filtering?
    • ⤷ Do you need the specific Beta value (B-parameter) for the 50k thermistor version?