SML-R1
AI

The **SML-R1** series (specifically the **SML-R12** series) is a popular line of high-brightness, surface-mount (SMD) LEDs manufactured by **ROHM Semiconductor**. These components are widely used in consumer electronics, automotive interiors, and industrial indicators due to their compact size and reliability.
### 1. Key Technical Specifications
The SML-R1 series typically features a standard 0603 (1608 Metric) package size. Below are the general specifications for common variants:
| Parameter | Specification |
| :--- | :--- |
| **Package Size** | 1.6 x 0.8 mm (0603 inch) |
| **Height** | 0.8 mm |
| **Operating Temperature** | -40°C to +85°C |
| **Forward Current ($I_F$)** | 20mA (Standard) |
| **Power Dissipation ($P_D$)** | 50mW - 75mW (Color dependent) |
| **Luminous Intensity** | Varies by color (e.g., 25mcd for Red) |
---
### 2. Physical Characteristics
The "R1" designation refers to the specific mold and frame structure used by ROHM.
* **Miniature Footprint:** The 1.6mm x 0.8mm size makes it ideal for high-density PCB designs.
* **Lens Construction:** Usually features a clear, flat resin mold to ensure a wide viewing angle (typically 120° - 140°).
* **Terminal Material:** Often uses gold or silver plating to ensure high solderability and resistance to corrosion.
---
### 3. Color Variations & Part Numbers
The "SML-R12" prefix is followed by letters indicating the color and material composition:
| Part Suffix | Color | Material | Wavelength ($\lambda_D$) |
| :--- | :--- | :--- | :--- |
| **V** | Red | AlGaInP | 630 nm |
| **U** | Orange | AlGaInP | 605 nm |
| **Y** | Yellow | AlGaInP | 590 nm |
| **M** | Yellowish-Green | AlGaInP | 572 nm |
| **P** | Green | GaP | 560 nm |
---
### 4. Schematic Representation
In an electronic circuit, the SML-R1 is represented as a standard diode. Below is a simple implementation logic:
```c
// Example: Driving an SML-R1 LED via a Microcontroller
// VCC (3.3V) ---> Resistor (R) ---> SML-R1 (Anode)
// SML-R1 (Cathode) ---> GND
Calculation for Resistor:
R = (V_source - V_forward) / I_forward
R = (3.3V - 2.0V) / 0.02A = 65 Ohms
```
---
### 5. Common Applications
* **Automotive:** Dashboard illumination, switch lighting, and indicator panels.
* **Consumer Goods:** Status indicators for smartphones, laptops, and wearables.
* **Industrial:** Control panel signaling and diagnostic LEDs.
- ⤷What is the typical forward voltage for the SML-R12V Red LED?
- ⤷ How do I interpret the 'T86' or 'T87' suffix in ROHM part numbers?
- ⤷ Are there waterproof versions of the SML-R1 series?