AI

The **SML-R13BTT86P** is a high-performance, surface-mount (SMD) Light Emitting Diode (LED) manufactured by **ROHM Semiconductor**. It belongs to the SML-R13 series, known for its compact size and high reliability in consumer electronics and automotive applications.
---
### 1. Technical Specifications
The following table outlines the primary electrical and optical characteristics of the SML-R13BTT86P:
| Parameter | Specification |
| :--- | :--- |
| **Emitting Color** | Red |
| **Wavelength ($\lambda_D$)** | 624 nm (Typical) |
| **Luminous Intensity ($I_V$)** | 25 mcd to 63 mcd |
| **Forward Voltage ($V_F$)** | 2.0 V (Typical) |
| **Forward Current ($I_F$)** | 20 mA (Maximum) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Size** | 1608 Metric (0603 Imperial) |
| **Dimensions** | 1.6 x 0.8 x 0.36 mm |
---
### 2. Key Features
* **Ultra-Thin Profile:** With a height of only 0.36mm, it is ideal for thin devices like smartphones, wearables, and thin-film membrane switches.
* **AIGaInP Technology:** Utilizes Aluminum Indium Gallium Phosphide (AlGaInP) material, which provides high brightness and long-term stability.
* **Taped Packaging:** The "T86P" suffix indicates the packaging style, specifically designed for automated "pick-and-place" assembly lines.
* **Bottom-Surface Electrode:** Designed for efficient soldering and thermal management on compact PCBs.
---
### 3. Application Examples
The SML-R13BTT86P is versatile and commonly found in:
1. **Status Indicators:** Power buttons, battery level indicators, and network activity lights.
2. **Backlighting:** Illuminating LCD screens, keypads, and control panels.
3. **Automotive Interiors:** Dashboard illumination and climate control buttons.
4. **Wearable Tech:** Health monitors and smartwatches where space is limited.
---
### 4. Footprint and Soldering
When designing a PCB for this component, ensure the land pattern matches the **0603 (1608 metric)** standard.
```markdown
Recommended Land Pattern (Dimensions in mm):
- Pad Width: 0.8 mm
- Pad Length: 0.6 mm
- Gap between Pads: 0.7 mm
```
- ⤷
What are the alternative colors available in the SML-R13 series?
- ⤷ How does the ultra-thin profile affect the thermal dissipation of this LED?
- ⤷ What is the specific moisture sensitivity level (MSL) for the SML-R13BTT86P?