SML-R13VWT87P
AI

## SML-R13VWT87P: Electronic Technical Specifications
The **SML-R13VWT87P** is a high-brightness surface-mount (SMD) Light Emitting Diode (LED) manufactured by **ROHM Semiconductor**. It belongs to the SML-R1 series, characterized by its ultra-compact size and high reliability.
---
### 1. General Overview
This component is a **Red LED** designed for high-density mounting. It utilizes **AlGaInP** (Aluminum Gallium Indium Phosphide) technology to achieve high luminosity despite its small footprint.
### 2. Physical Characteristics
| Feature | Specification |
| :--- | :--- |
| **Package Size** | 1608 (Metric) / 0603 (Inch) |
| **Dimensions** | 1.6 x 0.8 mm |
| **Height** | 0.8 mm |
| **Lens Type** | Milky White (Diffused) |
| **Mounting Type** | Surface Mount (SMD) |
---
### 3. Absolute Maximum Ratings ($T_a = 25^\circ C$)
These values represent the limits that the component can handle without permanent damage.
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| Power Dissipation | $P_D$ | 60 | mW |
| Forward Current | $I_F$ | 20 | mA |
| Peak Forward Current | $I_{FP}$ | 100* | mA |
| Reverse Voltage | $V_R$ | 5 | V |
| Operating Temp. | $T_{opr}$ | -40 to +85 | $^\circ C$ |
*\*Note: Duty cycle 1/10, Pulse width 1ms.*
---
### 4. Electro-Optical Characteristics
Typical performance metrics under standard operating conditions ($I_F = 20mA$).
| Parameter | Symbol | Min | Typ | Max | Unit |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Forward Voltage** | $V_F$ | - | 1.9 | 2.4 | V |
| **Luminous Intensity** | $I_V$ | 25 | 63 | - | mcd |
| **Dominant Wavelength** | $\lambda_D$ | - | 630 | - | nm |
| **Reverse Current** | $I_R$ | - | - | 10 | $\mu A$ |
---
### 5. Part Number Breakdown
Understanding the specific suffix `T87P`:
* **SML**: Series Name (ROHM Chip LED).
* **R1**: Size/Package Code (0603).
* **3**: Shape/Lens Code.
* **VW**: Color Code (Red).
* **T87**: Taping code (specifies the reel direction and quantity).
* **P**: Rank (represents specific brightness/wavelength binning).
### 6. Common Applications
* **Consumer Electronics:** Status indicators for smartphones or laptops.
* **Automotive:** Dashboard illumination and switch lighting.
* **Industrial:** Control panel indicators.
---
- ⤷
What is the recommended soldering profile for the SML-R13VWT87P?
- ⤷ Are there alternative colors available in the SML-R1 series?
- ⤷ How does the luminous intensity change with temperature for this LED?