AI

## Overview of the SML-R12 (SML-R1) Series
The **SML-R1** series, specifically the **SML-R12** variants manufactured by **ROHM Semiconductor**, represents a line of high-brightness, surface-mount (SMT) LEDs. These are widely used in consumer electronics, automotive dashboards, and industrial indicators due to their compact footprint and reliability.
---
### 1. Key Technical Specifications
The electrical characteristics are critical for circuit design, ensuring the LED operates within safe margins.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Package Size** | 0603 (1608 Metric) |
| **Dimensions** | 1.6mm x 0.8mm x 0.36mm |
| **Forward Current ($I_F$)** | 20mA (Max) |
| **Forward Voltage ($V_F$)** | 1.9V to 2.2V (depends on color) |
| **Power Dissipation ($P_D$)** | 40mW - 60mW |
| **Operating Temperature** | -40°C to +85°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Electronic Structure and Materials
The SML-R1 series utilizes specific semiconductor technologies to achieve color and brightness:
* **Material:** Most SML-R1 units use **AlGaInP** (Aluminum Gallium Indium Phosphide) on a GaAs substrate. This technology allows for high luminous intensity with low power consumption.
* **Polarity:** The cathode is typically marked with a green notch or a physical mark on the bottom of the resin package.
* **Construction:** It features a flat-mold design, which provides a wide viewing angle (typically **150°**), making it ideal for backlighting.
---
### 3. Circuit Design Considerations
When integrating the SML-R1 into an electronic circuit, the following electrical rules apply:
#### Current Limiting Resistor
To prevent the LED from burning out, a series resistor ($R$) is required. You can calculate the value using Ohm's Law:
```text
R = (V_source - V_F) / I_F
```
* **Example:** If using a 5V supply and the LED has a $V_F$ of 2.0V at 20mA:
* $R = (5V - 2.0V) / 0.020A = 150 \Omega$
#### Thermal Management
While small, the SML-R1 generates heat. In high-density PCB designs, ensuring adequate copper traces for heat dissipation is necessary to prevent "thermal runaway" or light degradation over time.
---
### 4. Applications
* **Status Indicators:** Power LEDs for portable devices.
* **Backlighting:** Illumination for LCD screens and membrane switches.
* **Automotive:** Interior lighting for buttons and instrument clusters.
- ⤷
What are the specific wavelength differences between the SML-R12VT and SML-R12WT models?
- ⤷ Can the SML-R1 series be used with PWM for dimming purposes?
- ⤷ What is the recommended reflow soldering profile for this specific SMD package?