전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • SMM02040E3JB0

  • AI
    The **SMM02040E3JB0** is a specific part number for a professional-grade, high-stability **MELF (Metal Electrode Leadless Face)** resistor manufactured by **Vishay Beyschlag**. It is widely used in automotive and industrial applications where reliability is paramount. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Series** | SMM0204 (Mini-MELF) | | **Resistance Value** | Defined by the middle digits (Part of the SMM0204 series) | | **Tolerance** | ± 5% (indicated by 'J') | | **Temperature Coefficient** | ± 25 ppm/K to ± 100 ppm/K (Series dependent) | | **Power Rating ($P_{70}$)** | 0.25 W (up to 0.4 W in some conditions) | | **Operating Voltage** | 200 V | | **Operating Temperature** | -55 °C to +155 °C | --- ## 2. Key Features * **MELF Construction:** Unlike standard flat thick-film chip resistors, MELF resistors are cylindrical. This shape provides superior pulse load capability and thermal dissipation. * **AEC-Q200 Qualified:** This part is tested and certified for automotive use, ensuring high resistance to vibration and thermal shock. * **High Stability:** It utilizes a thin-film metal layer on a high-grade ceramic body, ensuring very low drift over its lifetime. * **Advanced Sulfur Resistance:** Suitable for harsh environments where sulfur contamination might occur. --- ## 3. Comparison: MELF vs. Chip Resistors The SMM0204 series is chosen over standard SMD (Surface Mount Device) resistors for specific reasons: | Feature | SMM0204 (MELF) | Standard SMD (0805) | | :--- | :--- | :--- | | **Pulse Stability** | Excellent | Average | | **Moisture Resistance** | Very High | Moderate | | **Mounting** | Requires specialized nozzle/solder process | Standard | | **Failure Rate** | Extremely Low | Low | --- ## 4. Typical Applications * **Automotive Electronics:** Engine control units (ECU), ABS systems, and lighting. * **Industrial Power:** Inverters, solar energy converters, and power supplies. * **Telecommunications:** Base station equipment. * **Measurement:** Precision scales and sensor interfaces. --- ## 5. Part Number Decoding Example While "SMM02040E3JB0" is a specific SKU, here is how the suffix typically breaks down: * **SMM0204:** Size and series (Mini-MELF). * **J:** Tolerance (5%). * **B0:** Packaging code (typically indicating Bulk or specific Reel quantities).
    ✨ Follow-up Questions
    • ⤷What is the difference between SMM0204 and MMA0204 series?
    • ⤷ Can I substitute a standard 0805 SMD resistor for a MELF 0204?
    • ⤷ What are the recommended soldering profiles for MELF components?